Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9218BST-40 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9218BST-40
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218BST-40 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9218BST-40 Datasheet HTML 5Page - Analog Devices AD9218BST-40 Datasheet HTML 6Page - Analog Devices AD9218BST-40 Datasheet HTML 7Page - Analog Devices AD9218BST-40 Datasheet HTML 8Page - Analog Devices AD9218BST-40 Datasheet HTML 9Page - Analog Devices AD9218BST-40 Datasheet HTML 10Page - Analog Devices AD9218BST-40 Datasheet HTML 11Page - Analog Devices AD9218BST-40 Datasheet HTML 12Page - Analog Devices AD9218BST-40 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
AD9218
–9–
Worst Other Spur
The ratio of the rms signal amplitude to the rms value of the
worst spurious component (excluding the second and third
harmonic) reported in dBc.
Transient Response Time
Transient response is defined as the time it takes for the ADC to
reacquire the analog input after a transient from 10% above
negative full scale to 10% below positive full scale.
Out-of-Range Recovery Time
Out of range recovery time is the time it takes for the ADC to
reacquire the analog input after a transient from 10% above
positive full scale to 10% above negative full scale, or from 10%
below negative full scale to 10% below positive full scale.
EQUIVALENT CIRCUITS
AIN
40
40
30k
30k
15k
15k
VD
AIN
Figure 4. Analog Input Stage
ENCODE
2.6k
2.6k
600
VD
Figure 5. Encode Inputs
OUT
VD
Figure 6. Reference Output Stage
VDD
40
DX
Figure 7. Digital Output Stage
REF
10k
VD
Figure 8. Reference Inputs
S2
10k
VD
Figure 9. S2 Input
S1
10k
VD
Figure 10. S1 Input
DFS/GAIN
15k
15k
VREF
VD
Figure 11. DFS/Gain Input


Similar Part No. - AD9218BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218BST-40 AD-AD9218BST-40 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218BST-40 AD-AD9218BST-40 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results

Similar Description - AD9218BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com