Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9244 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40/65 MSPS Monolithic A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9244 Datasheet HTML 7Page - Analog Devices AD9244 Datasheet HTML 8Page - Analog Devices AD9244 Datasheet HTML 9Page - Analog Devices AD9244 Datasheet HTML 10Page - Analog Devices AD9244 Datasheet HTML 11Page - Analog Devices AD9244 Datasheet HTML 12Page - Analog Devices AD9244 Datasheet HTML 13Page - Analog Devices AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. A
AD9244
–11–
INPUT FREQUENCY – MHz
75
65
67
20
140
40
60
80
100
120
0
2V SPAN
1V SPAN
12.2
10.5
11.8
69
71
73
11.5
11.2
10.8
TPC 7. SINAD/ENOB vs. Input Frequency
INPUT FREQUENCY – MHz
–100
–85
–80
–75
20
140
40
60
80
100
120
0
2V SPAN
1V SPAN
–90
–95
TPC 8. THD vs. Input Frequency
INPUT FREQUENCY – MHz
77
67
69
20
140
40
60
80
100
120
0
+25 C
+85 C
–40 C
71
73
75
TPC 9. SNR vs. Temperature and Input Frequency
INPUT FREQUENCY – MHz
20
140
40
60
80
100
120
0
75
65
67
69
71
73
2V SPAN
1V SPAN
TPC 10. SNR vs. Input Frequency
INPUT FREQUENCY – MHz
100
90
80
20
140
40
60
80
100
120
0
2V SPAN
1V SPAN
75
85
95
TPC 11. SFDR vs. Input Frequency
INPUT FREQUENCY – MHz
20
140
40
60
80
100
120
0
+25 C
–40 C
–92
–88
–84
–82
–86
–90
–80
–76
–74
–78
+85 C
TPC 12. THD vs. Temperature and Input Frequency


Similar Part No. - AD9244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244 AD-AD9244 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9244-40PCB AD-AD9244-40PCB Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244-40PCB AD-AD9244-40PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9244-40PCB AD-AD9244-40PCB Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9244-65PCB AD-AD9244-65PCB Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results

Similar Description - AD9244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com