Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD2810 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOD2810
Description  80V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD2810 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOD2810 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD2810 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD2810 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD2810 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD2810 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD2810 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOD2810
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
2
4
6
8
10
0
5
10
15
20
25
30
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
0
10
20
30
40
50
60
70
80
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0
100
200
300
400
500
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
C
oss
C
rss
V
DS=40V
I
D=20A
T
J(Max)=175°C
T
C=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
10
µs
10ms
1ms
DC
R
DS(ON)
T
J(Max)=175°C
T
C=25°C
100
µs
40
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
RθJC=1.5°C/W
Rev 0:Dec. 2012
www.aosmd.com
Page 4 of 6


Similar Part No. - AOD2810

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD2810 ISC-AOD2810 Datasheet
361Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD2810 VBSEMI-AOD2810 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AOD2810 DOINGTER-AOD2810 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AOD2810

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com