Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD4182 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOD4182
Description  80V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4182 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOD4182 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4182 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4182 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4182 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4182 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4182 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD4182 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AOD4182
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
60
70
80
90
100
110
120
130
140
0
5
10
15
20
25
30
IS (A)
Figure 17: Diode Reverse Recovery Charge and
Peak Current vs. Conduction Current
0
2
4
6
8
10
12
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
Qrr
Irm
0
20
40
60
80
100
0
200
400
600
800
1000
di/dt (A/
µs)
Figure 19: Diode Reverse Recovery Charge and
Peak Current vs. di/dt
2
4
6
8
10
12
14
125ºC
125ºC
25ºC
25ºC
Is=20A
Qrr
Irm
0
5
10
15
20
25
0
5
10
15
20
25
30
IS (A)
Figure 18: Diode Reverse Recovery Time and
Softness Factor vs. Conduction Current
0
0.5
1
1.5
2
2.5
3
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
trr
S
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
di/dt (A/
µs)
Figure 20: Diode Reverse Recovery Time and
Softness Factor vs. di/dt
0
0.5
1
1.5
2
2.5
125ºC
25ºC
25ºC
125º
Is=20A
trr
S
Rev 0: Jan 2010
www.aosmd.com
Page 6 of 7


Similar Part No. - AOD4182

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD4182 ISC-AOD4182 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD4182

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com