Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3-B0-10-450-1B1-C Datasheet(PDF) 2 Page - Carling Technologies

Part # BA3-B0-10-450-1B1-C
Description  Circuit Breaker
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

BA3-B0-10-450-1B1-C Datasheet(HTML) 2 Page - Carling Technologies

  BA3-B0-10-450-1B1-C Datasheet HTML 1Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 2Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 3Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 4Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 5Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 6Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 7Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 8Page - Carling Technologies BA3-B0-10-450-1B1-C Datasheet HTML 9Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
2 | B-Series Circuit Breaker - General Specifications
Mechanical
Physical
Environmental
Electrical
Maximum Voltage
Current Ratings
Standard Voltage Coils
Auxiliary Switch Rating
Insulation Resistance
Dielectric Strength
Resistance, Impedance
Pulse Tolerance Curves
Endurance
Trip Free
Trip Indication
Number of Poles
Internal Circuit Config.
Weight
Standard Colors
Shock
Vibration
Moisture Resistance
Salt Spray
Thermal Shock
Operating Temperature
Designed and tested in accordance with requirements of
specification MIL-PRF-55629 & MIL-STD-202 as follows:
277VAC 50/60 Hz, 80VDC
Standard current coils: 0.100, 0.250,
0.500, 0.750, 1.00, 2.50, 5.00, 7.50,
10.0, 15.0, 20.0, 25.0, 30.0, 35.0,
40.0 and 50.0 amps. Other ratings
available, see ordering scheme.
DC - 6V, 12V; AC - 120V, other ratings
available, see ordering scheme.
SPDT; 10.1 AMPS - 250VAC,1.0A 65
VDC or 0.5A 80 VDC, 0.1 Amps -
125VAC (with gold contacts).
VDE-1.0 Amp - 125VAC.
Minimum of 100 Megohms at 500
VDC.
UL, CSA - 1500 V 50/60 Hz for one
minute between all electrically isolated
terminals. B-Series circuit breakers
comply with the 8mm spacing
and 3750V 50/60 Hz dielectric
requirements from hazardous voltage
to operator accessible surfaces,
between adjacent poles and from
main circuits to auxiliary circuits per
Publications EN 60950 and VDE 0805.
Values from Line to Load Terminal -
based on Series Trip Circuit Breaker.
6,000 ON-OFF operations @ 6 per
minute; with rated Current and
Voltage. Additional 4,000 ON-OFF
mechanical
All B-Series Circuit Breakers will trip
on overload, even when Handle is
forcibly held in the ON position.
The operating Handle moves
positively to the OFF position when an
overload causes the breaker to trip.
1 - 6 poles at 30 Amps or less. 1 and 2
poles at 31 Amps thru 50 Amps.
Series, (with or without auxiliary
switch), Shunt and Relay with current
or voltage trip coils, Dual Coil, Switch
Only (with or without auxiliary switch).
Approximately 65 grams/pole.
(Approximately 2.32 ounces/pole)
Housing - Black; Actuator- See
Ordering Scheme.
Withstands 100 Gs, 6ms, sawtooth while
carrying rated current per Method 213,
Test Condition “I”. Instantaneous and
ultra-short curves tested @ 90% of rated
current.
Withstands 0.060” excursion from 10-
55 Hz, and 10 Gs 55-500 Hz, at rated
current per Method 204C, Test Condition
A. Instantaneous and ultrashort curves
tested at 90% of rated current.
Method 106D; ten 24-hour cycles @ +
25°C to +65°C, 80-98% RH.56 days @
+85°C, 85% RH.
Method 101, Condition A (90-95% RH @
5% NaCl Solution, 96 hrs).
Method 107D, Condition A (Five cycles
@ -55°C to +25°C to +85°C to +25°C).
-40°C to +85°C.
*Manufacturer reserves the right to change product specification without prior notice.
RESISTANCE PER POLE VALUES
from Line to Load Terminals
(Values Based on Series Trip Circuit Breaker)


Similar Part No. - BA3-B0-10-450-1B1-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BA301 ROHM-BA301 Datasheet
121Kb / 3P
   Monolithic IGs
logo
List of Unclassifed Man...
BA301 ETC2-BA301 Datasheet
2Mb / 31P
   SEMICONDUCTORS
BA301 ETC-BA301 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Shenzhen Bencent Electr...
BA301N BENCENT-BA301N Datasheet
206Kb / 3P
   Gas Discharge Tube
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
   Low Capacitance and Insertion Loss
More results

Similar Description - BA3-B0-10-450-1B1-C

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com