Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3-B0-10-450-121-C Datasheet(PDF) 3 Page - Carling Technologies

Part # CA3-B0-10-450-121-C
Description  Circuit Breaker
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CA3-B0-10-450-121-C Datasheet(HTML) 3 Page - Carling Technologies

  CA3-B0-10-450-121-C Datasheet HTML 1Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 2Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 3Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 4Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 5Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 6Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 7Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 8Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 9Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
C-Series – General Specifications | 3
Electrical Tables
Table B: Lists UL Recognized and CSA Accepted configurations and performance capabilities as a Manual Motor Controller.
Table C: Lists UL Recognized, CSA Accepted , VDE and TUV Certified configurations and performance capabilities as a
Component Supplementary Protector.
Notes for Table B:
1
UL recognized and CSA Accepted at 480V refers to 3 & 4 pole versions used in a 3Ø, wye connected circuit or 2-pole version connected with 2 poles breaking. 1Ø and backed up with
series fusing as stated above in note 1.
*
Series, Shunt and Relay Trip - Voltage Coil Construction not current coils
Notes for Table C:
1
General Purpose ratings for UL/CSA only.
2
Requires branch circuit backup with a UL LISTED Type K5 or RK5 fuse rated 15A minimum and no more than 4 times full load amps not to exceed 125A for 50 Amp or less rating and not to
exceed 175 for 51 through 100 Amp rating.
RELAY


Similar Part No. - CA3-B0-10-450-121-C

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
CA3-100-KB RCD-CA3-100-KB Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-100-KBQ RCD-CA3-100-KBQ Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-100-KBW RCD-CA3-100-KBW Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-271-KB RCD-CA3-271-KB Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-271-KBQ RCD-CA3-271-KBQ Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
More results

Similar Description - CA3-B0-10-450-121-C

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com