Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9430 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
REV. PrG 4/01/2002
-9-
PIN FUNCTION DESCRIPTIONS (LVDS mode )
LVDS Mode
Pin Number
Name
Function in LVDS Mode
2,42,43,44,45,46
DNC
Do not connect
1
S5
Full Scale Adjust pin : ‘1’ sets FS =
.766 Vpp differential,
‘0’ sets FS = 1.533 Vpp differential
3
S4
Interlaced or parallel output mode. (only in Dual Port mode
operation) HIGH = data arrives in channel A at falling edge of clock
and data arrives in channelA at rising edge of clock. LOW = data
arrives in channels A and B at rising edge of clock.
5
S2
Output Mode select. Low = Dual Port, CMOS; High = LVDS
6
S1
Data format select. Low = Binary, High = Two’s compliment
7
LVDSBIAS
Sets LVDS Output Current = 3.5mA
(Place 3.7K RSET resistor from LVDSBIAS to ground)
8,14,15,18,19,24,27,28,29,34,
39,40,88,89,90,94,95,98,99
AVDD
3.3V analog supply. (3.0V to 3.6V)
4,9,12,13,16,17,20,23,25,26,3
0,31,35,38,41,86,87,91,92,93,
96,97,100
AGND
Analog Ground
10
SENSE
Control Pin for Reference , Full Scale
11
VREF
1.235 Reference I/O - function dependent on REFSENSE
21
VIN+
Analog input – true.
22
VIN-
Analog input – compliment.
32
DS+
Data sync (input) – Not used in LVDS mode.Tie LOW .
33
DS-
Data sync (input) – compliment. Not used in LVDS mode.Tie HIGH.
36
ENC+
Clock input – true.
(LVPECL levels)
37
ENC-
Clock input – compliment.
(LVPECL levels)
47,54,62,75,83
DrVDD
3.3V digital output supply.
48,53,61,67,74,82
DrGND
Digital ground.
49
D0_C
D0 complement output bit (LSB)
(LVDS Levels)
50
D0_T
D0 true output bit (LSB)
(LVDS Levels)
51
D1_C
D1 complement output bit
(LVDS Levels)
52
D1_T
D1 true output bit
(LVDS Levels)
55
D2_C
D2 complement output bit
(LVDS Levels)
56
D2_T
D2 true output bit
(LVDS Levels)
57
D3_C
D3 complement output bit
(LVDS Levels)
58
D3_T
D3 true output bit
(LVDS Levels)
59
D4_C
D4 complement output bit
(LVDS Levels)
60
D4_T
D4 true output bit
(LVDS Levels)
63
DCO-
Data Clock output – compliment. (LVDS Levels)
64
DCO+
Data Clock output – true.
(LVDS Levels)
65
D5_C
D5 complement output bit
(LVDS Levels)
66
D5_T
D5 true output bit
(LVDS Levels)
68
D6_C
D6 complement output bit
(LVDS Levels)
69
D6_T
D6 true output bit
(LVDS Levels)
70
D7_C
D7 complement output bit
(LVDS Levels)
71
D7_T
D7 true output bit
(LVDS Levels)
72
D8_C
D8 complement output bit
(LVDS Levels)
73
D8_T
D8 true output bit
(LVDS Levels)
76
D9_C
D9 complement output bit
(LVDS Levels)
77
D9_T
D9 true output bit
(LVDS Levels)
78
D10_C
D10 complement output bit
(LVDS Levels)
79
D10_T
D10 true output bit
(LVDS Levels)
80
D11_C
D11 complement output bit
(LVDS Levels) MSB
81
D11_T
D11 true output bit
(LVDS Levels) MSB
84
OR_C
Overrange complement output bit (LVDS Levels)
85
OR_T
Overrange true output bit (LVDS Levels)


Similar Part No. - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 45P
   3.3V A/D Converter
AD9430-CMOSPCB AD-AD9430-CMOSPCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430-LVDSPCB2 AD-AD9430-LVDSPCB2 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 45P
   3.3V A/D Converter
More results

Similar Description - AD9430

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com