Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV731JTTE1004F Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # HV731JTTE1004F
Description  flat chip resistors for high voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HV731JTTE1004F Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  HV731JTTE1004F Datasheet HTML 1Page - KOA Speer Electronics, Inc. HV731JTTE1004F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
features
Superior to RK73 series in maximum working voltage
Marking: 1J: No marking, black protective coating
2A ~ 3A: White three-digit marking on
black protective coating
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
26
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/22/10
HV73
flat chip resistors for high voltage
dimensions and construction
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
T: Sn
±0.5%, ±1%:
3 significant figures
+ 1 multiplier
±2%, ±5%:
2 significant figures
+ 1 multiplier
1J: 0.1W
2A: 0.125W
2B: 0.25W
2H: 0.5W
3A: 1W
TD: 0603, 0805, 1206:
7" 4mm pitch punched paper
TDD: 0603, 0805, 1206:
10" paper tape
TE: 2010 & 2512:
7" embossed plastic
TED:
2010 & 2512:
10" embossed plastic
For further information on packaging,
please refer to Appendix A
HV73
Type
Size
Nominal
Resistance
Resistance
Tolerance
Termination
Material
Packaging
New Part #
2B
TD
1004
F
T
Type
L
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.079±.008
(2.0±0.2)
2A
(0805)
2B
(1206)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.024±.004
(0.6±0.1)
.02±.012
(0.5±0.3)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
2H
(2010)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.024±.004
(0.6±0.1)
.02±.012
(0.5±0.3)
.122±.008
(3.1±0.2)
.248±.008
(6.3±0.2)
3A
(2512)
.012±.004
(0.3±0.1)
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
1J
(0603)
ordering information
EU


Similar Part No. - HV731JTTE1004F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV731JTTE1004F KOA-HV731JTTE1004F Datasheet
83Kb / 2P
   flat chip resistors for high voltage
More results

Similar Description - HV731JTTE1004F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV731JT KOA-HV731JT Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV73 KOA-HV73 Datasheet
381Kb / 2P
   flat chip resistors for high voltage
HV73-RT KOA-HV73-RT Datasheet
380Kb / 2P
   flat chip resistors for high voltage
logo
Vishay Siliconix
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
01-Jan-2022
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
Revision: 24-Apr-15
logo
HOKURIKU ELECTRIC INDUS...
E011400 HOKURIKU-E011400 Datasheet
89Kb / 4P
   Flat Chip Resistors
logo
List of Unclassifed Man...
MCT0603 ETC1-MCT0603 Datasheet
763Kb / 13P
   Precision flat chip resistors
MCS0402 ETC1-MCS0402 Datasheet
728Kb / 16P
   Professional flat chip resistors
logo
Vishay Siliconix
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com