Electronic Components Datasheet Search |
|
AD9501JP Datasheet(PDF) 11 Page - Analog Devices |
|
AD9501JP Datasheet(HTML) 11 Page - Analog Devices |
11 / 12 page AD9501 REV. A –11– Analog Settling Time Measurement This circuit, shown in Figure 9, functions in a manner similar to the digital delay detector; for this application, too, the clock must be repetitive. As in the delay detector, AD9501 #1 is used to cancel the propagation delay of AD9501 #2, propagation delay of the comparators, stray delays, etc. To accomplish this, use the calibration procedure described earlier for the digital delay generator. The difference between the two circuits is in the detection method. The register of the digital delay is replaced by a win- dow comparator for the analog settling measurement. Threshold voltages V1 and V2 are set for the desired tolerance around the final value of the DUT output signal. As shown in the lower portion of the diagram, the output of the detector is high when the analog output signal of the converter is within the limits set by V1 and V2. Therefore, the settling time can be measured by starting the delay of AD9501 #2 at its maximum setting and decrementing it until the window comparator goes low. The difference between the DAC codes applied to AD9501 #2 and AD9501 #1 is a measure of the settling time of the D/A converter being tested. Figure 9. Analog Settling Time Measurement Layout Considerations Although the inputs and output of the AD9501 are digital, the delay is determined by analog circuits. This makes it critical to use high speed analog circuit layout techniques to achieve rated performance. The ground plane should be on the component side of the board and extend under the AD9501 to shield it from digital switching signals. Most socket assemblies add significant inter-lead capacitance, and should be avoided whenever pos- sible. If sockets must be used, individual pin sockets such as AMP part number 6330808-0 (closed knock-out end) or 6-330808-3 (open end) should be used. Power supply decoupling is also critical for high speed design; a 0.1 µF capacitor should be connected as close as possible to each supply pin. |
Similar Part No. - AD9501JP |
|
Similar Description - AD9501JP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |