Electronic Components Datasheet Search |
|
AD9500TQ Datasheet(PDF) 9 Page - Analog Devices |
|
AD9500TQ Datasheet(HTML) 9 Page - Analog Devices |
9 / 11 page AD9500 –9– REV. D MEASURING UNKNOWN DELAYS Two AD9500s can be combined to measure delays with a high degree of precision. One AD9500 is set with little or no pro- grammed delay, and its output is used to drive the unknown delay circuit, which in turn drives the input of a “D” type flip- flop. The second AD9500 is triggered along with the first, and its output provides a clocking signal for the flip-flop. The pro- grammed delay of the second AD9500 is then varied to detect the output edge from the unknown delay circuit. Detecting the output edge is relatively straightforward. If the programmed delay through the second AD9500 is too long, the flip-flop output will be at logic HIGH. If, on the other hand, the programmed delay through the second AD9500 is too short, the flip-flop output will be at logic LOW. When the programmed delay is properly adjusted, the flip-flop will likely bounce be- tween logic HIGH and logic LOW. The digital code value used to create the second programmed delay is a direct indication of the delay through the unknown circuit. The most accurate re- sults can only be attained by calibrating the system without the unknown delay circuit in place. Figure 8. Measuring Unknown Delays MEASURING HIGH SPEED AC WAVEFORMS The same circuitry used to measure unknown delays can be extended to measure the time response of high speed ac wave- forms. With the addition of a digital-to-analog converter and an analog comparator, the circuit functions very much like the previous application. The DAC sets a threshold level which drives one of the differential comparator inputs. The other com- parator input is driven by the device under test (DUT). The output of the first AD9500 causes the DUT to produce an output. The second AD9500, which is also triggered along with the first AD9500, strobes the comparator latch enable. If the DUT output is greater than the DAC threshold when the comparator is latched, the comparator output will be at logic HIGH. If the output is below the DAC threshold, the compara- tor will be at logic LOW. The programmed delay setting of the second AD9500 is adjusted to the point where the DUT output equals the DAC threshold. By varying the DAC threshold level and adjusting the second AD9500 programmed delay, a point by point reconstruction of the ac waveform can be created. Figure 9. Measuring AC Waveforms PROGRAMMABLE OSCILLATOR Another interesting use of the AD9500 is in a digitally program- mable oscillator. The highly accurate delays generated by the AD9500 can be exploited to create a ring oscillator with variable duty cycle. The delayed output of the first AD9500 is used to drive the TRIGGER input of the second AD9500. The output of the second AD9500, in turn, is used to drive the TRIGGER input of the first AD9500. Together the two devices will alter- nately trigger each other creating two pulse chains on the outputs. The total delay through both AD9500s combined, determines the period of the oscillation frequency. The duty cycle can be controlled by using the outputs to drive the SET and RESET inputs of a flip-flop. The total delay through the first AD9500 will control the flip-flop logic LOW output pulsewidth, and the second AD9500 will control the flip-flop logic HIGH output pulsewidth. Figure 10. Ring Oscillator |
Similar Part No. - AD9500TQ |
|
Similar Description - AD9500TQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |