Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39121B5245H310 Datasheet(PDF) 4 Page - EPCOS

Part # B39121B5245H310
Description  Low-loss IF filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39121B5245H310 Datasheet(HTML) 4 Page - EPCOS

  B39121B5245H310 Datasheet HTML 1Page - EPCOS B39121B5245H310 Datasheet HTML 2Page - EPCOS B39121B5245H310 Datasheet HTML 3Page - EPCOS B39121B5245H310 Datasheet HTML 4Page - EPCOS B39121B5245H310 Datasheet HTML 5Page - EPCOS B39121B5245H310 Datasheet HTML 6Page - EPCOS B39121B5245H310 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jul 27, 2011
B5245
122.88 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 100
Ω Input balanced - 400 Ω Output balanced
(matching element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
10
dBm
Cp1 =
27 pF
Ls1 =
91 nH
Cp2 =
15 pF
Ls2 =
110 nH
Cp1
Ls1
Ls1
Ls2
Ls2
Cp2


Similar Part No. - B39121B5245H310

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39121B5245H310 TDK-B39121B5245H310 Datasheet
88Kb / 7P
   SAW Components SAW IF filter
More results

Similar Description - B39121B5245H310

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
805-RF246.0M-A OSCILENT-805-RF246.0M-A Datasheet
256Kb / 2P
   Low Loss IF SAW Filter
813-SL70.0M-09 OSCILENT-813-SL70.0M-09 Datasheet
229Kb / 2P
   Low-Loss IF SAW Filter
813-SL75.0M-30 OSCILENT-813-SL75.0M-30 Datasheet
215Kb / 4P
   Low-Loss 75MHz IF SAW Filter
logo
Golledge Electronics Lt...
MA04600 GOLLEDGE-MA04600 Datasheet
88Kb / 3P
   IF SAW Filter 70MHz Low loss
MA05394 GOLLEDGE-MA05394 Datasheet
93Kb / 3P
   70 MHz IF SAW Filter - Low loss
logo
EPCOS
B5233 EPCOS-B5233 Datasheet
64Kb / 7P
   Low-loss IF filter for GSM applications
B5239 EPCOS-B5239 Datasheet
81Kb / 8P
   Wide band, low-loss IF filter for LTE
logo
Oscilent Corporation
813-SL125.0M-28 OSCILENT-813-SL125.0M-28_14 Datasheet
121Kb / 4P
   Low-Loss 125MHz IF SAW Filter 28.5MHz Bandwidth
813-SL140.0M-28 OSCILENT-813-SL140.0M-28_14 Datasheet
122Kb / 4P
   Low-Loss 140MHz IF SAW Filter 28.0MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0193A TAI-SAW-TB0193A Datasheet
422Kb / 5P
   Low Loss 70MHz SAW IF Filter (BW=7MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com