Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9713B Datasheet(PDF) 7 Page - Analog Devices

Part # AD9713B
Description  12-Bit, 100 MSPS D/A Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9713B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9713B Datasheet HTML 3Page - Analog Devices AD9713B Datasheet HTML 4Page - Analog Devices AD9713B Datasheet HTML 5Page - Analog Devices AD9713B Datasheet HTML 6Page - Analog Devices AD9713B Datasheet HTML 7Page - Analog Devices AD9713B Datasheet HTML 8Page - Analog Devices AD9713B Datasheet HTML 9Page - Analog Devices AD9713B Datasheet HTML 10Page - Analog Devices AD9713B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9712B/AD9713B
REV. B
–7–
D
(LSB)
12
D6
D9
D8
D7
D11
D10
D 5
D 3
D 4
D2
ANALOG
RETURN
DIGITAL –VS
D
(MSB)
1
LATCH ENABLE
R SET
REFERENCE
GROUND
REFERENCE
OUT
CONTROL
AMP IN
REFERENCE
IN
CONTROL
AMP OUT
ANALOG –VS
AD9712B
AD9713B
0.1µF
0.01µF
20
RL
R L
SYSTEM
GROUND
DIGITAL
GROUND
–5.2V
13
22
27
3
4
26
11
5
6
7
8
9
10
14
I OUT
12,21
15,25
20
16
24
19
18
17
28
1
2
ECL
DRIVE
LOGIC
0.1µF
0.01µF
0.1µF
VOUT =
IFS x RL
I OUT
Figure 4. Typical Resistive Load Connection
An operational amplifier can also be used to perform the I to V
conversion of the DAC output. Figure 5 shows an example of a
circuit which uses the AD9617, a high speed, current feedback
amplifier.
CONTROL
AMP IN
AD9712B
AD9713B
19
20
14
16
10k
10k
400
RFB
R 1
200
I FS
I OS
REF
OUT
I OUT
25
R L
I OUT
+
1/2 AD708
R
FF
25
V
±2.048V
OUT
100
R2
+
1/2 AD708
+
AD9617
12.5
Figure 5. I/VConversion Using Current Feedback
DAC current across feedback resistor RFB determines the
AD9617 output swing. A current divider formed by RL and RFF
limits the current used in the I-to-V conversion, and provides an
output voltage swing within the specifications of the AD9617.
Current through R2 provides dc offset at the output of the
AD9617. Adjusting the value of R1 adjusts the value of offset
current. This offset current is based on the reference of the
AD9712B/AD9713B, to avoid coupling noise into the output
signal.
The resistor values in Figure 5 provide a 4.096 V swing, cen-
tered at ground, at the output of the AD9617 amplifier.
Power and Grounding
Maintaining low noise on power supplies and ground is critical
for obtaining optimum results with the AD9712B or AD9713B.
DACs are most often used in circuits which are predominantly
digital. To preserve 12-bit performance, especially at conversion
speeds up to 100 MSPS, special precautions are necessary for
power supplies and grounding.
Ideally, the DAC should have a separate analog ground plane.
All ground pins of the DAC, as well as reference and analog
output components, should be tied directly to this analog
ground plane. The DAC’s ground plane should be connected to
the system ground plane at a single point.
Ferrite beads such as the Stackpole 57-1392 or Amidon
FB-43B-101, along with high frequency, low-inductance decou-
pling capacitors, should be used for the supply connections to
isolate digital switching currents from the DAC supply pins.
Separate isolation networks for the digital and analog supply
connections will further reduce supply noise coupling to the
output.
Molded socket assemblies should be avoided even when
prototyping circuits with the AD9712B or AD9713B. When
the DAC cannot be directly soldered into the board, individual
pin sockets such as AMP #6-330808-0 (knock-out end), or
#60330808-3 (open end) should be used. These have much
less effect on inter-lead capacitance than do molded assemblies.
DDS Applications
Numerically controlled oscillators (NCOs) are digital devices
which generate samples of a sine wave. When the NCO is com-
bined with a high performance D/A converter (DAC), the com-
bination system is referred to as a Direct Digital Synthesizer
(DDS).
The digital samples generated by the NCO are reconstructed by
the DAC and the resulting sine wave is usable in any system
which requires a stable, spectrally pure, frequency-agile refer-
ence. The DAC is often the limiting factor in DDS applications,
since it is the only analog function in the circuit. The AD9712B/
AD9713B D/A converters offer the highest level of performance
available for DDS applications.
DC linearity errors of a DAC are the dominant effect in low-
frequency applications and can affect both noise and harmonic
content in the output waveform. Differential Nonlinearity
(DNL) errors determine the quantization error between adja-
cent codes, while Integral Nonlinearity (INL) is a measure of
how closely the overall transfer function of the DAC compares
with an ideal device. Together, these errors establish the limits
of phase and amplitude accuracy in the output waveform.


Similar Part No. - AD9713B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AD9713BAN FAIRCHILD-AD9713BAN Datasheet
206Kb / 17P
   EVALUATION BOARD
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results

Similar Description - AD9713B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9734 AD-AD9734 Datasheet
934Kb / 42P
   14/12/10-Bit, 1200 MSPS D/A Converters
Rev. PrJ 9/7/2004
logo
Intersil Corporation
HI5731 INTERSIL-HI5731 Datasheet
370Kb / 15P
   12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9704 AD-AD9704 Datasheet
2Mb / 52P
   8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com