Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9742 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9742
Description  12-Bit, 165 MSPS TxDAC D/A Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9742 Datasheet HTML 5Page - Analog Devices AD9742 Datasheet HTML 6Page - Analog Devices AD9742 Datasheet HTML 7Page - Analog Devices AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices AD9742 Datasheet HTML 10Page - Analog Devices AD9742 Datasheet HTML 11Page - Analog Devices AD9742 Datasheet HTML 12Page - Analog Devices AD9742 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD9742
–9–
FUNCTIONAL DESCRIPTION
Figure 3 shows a simplified block diagram of the AD9742. The
AD9742 consists of a DAC, digital control logic, and full-scale
output current control. The DAC contains a PMOS current
source array capable of providing up to 20 mA of full-scale
current (IOUTFS). The array is divided into 31 equal currents
that make up the five most significant bits (MSBs). The next
four bits, or middle bits, consist of 15 equal current sources
whose value is 1/16th of an MSB current source. The remaining
LSBs are binary weighted fractions of the middle bits current
sources. Implementing the middle and lower bits with current
sources, instead of an R-2R ladder, enhances its dynamic perfor-
mance for multitone or low amplitude signals and helps maintain
the DAC’s high output impedance (i.e., >100 k
W).
All of these current sources are switched to one or the other of
the two output nodes (i.e., IOUTA or IOUTB) via PMOS
differential current switches. The switches are based on the
architecture that was pioneered in the AD9764 family, with
further refinements to reduce distortion contributed by the
switching transient. This switch architecture also reduces
various timing errors and provides matching complementary
drive signals to the inputs of the differential current switches.
The analog and digital sections of the AD9742 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 3.0 V to 3.6 V range. The digital section,
which is capable of operating up to a 165 MSPS clock rate,
consists of edge-triggered latches and segment decoding logic
circuitry. The analog section includes the PMOS current
sources, the associated differential switches, a 1.2 V band gap
voltage reference, and a reference control amplifier.
The DAC full-scale output current is regulated by the refer-
ence control amplifier and can be set from 2 mA to 20 mA via
an external resistor, RSET, connected to the full-scale adjust
(FSADJ) pin. The external resistor, in combination with both
the reference control amplifier and voltage reference, VREFIO,
sets the reference current IREF, which is replicated to the
segmented current sources with the proper scaling factor. The
full-scale current, IOUTFS, is 32 times IREF.
REFERENCE OPERATION
The AD9742 contains an internal 1.2 V band gap reference.
The internal reference can be disabled by raising REFLO to
AVDD. It can also be easily overridden by an external reference
with no effect on performance. REFIO serves as either an input
or output depending on whether the internal or an external
reference is used. To use the internal reference, simply decouple
the REFIO pin to ACOM with a 0.1
mF capacitor and connect
REFLO to ACOM via a resistance less than 5
W. The internal
reference voltage will be present at REFIO. If the voltage at
REFIO is to be used anywhere else in the circuit, an external
buffer amplifier with an input bias current of less than 100 nA
should be used. An example of the use of the internal reference
is given in Figure 4.
150pF
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
3.3V
REFIO
FS ADJ
2k
0.1 F
AD9742
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
Figure 4. Internal Reference Configuration
An external reference can be applied to REFIO as shown in
Figure 5. The external reference may provide either a fixed refer-
ence voltage to enhance accuracy and drift performance or a
varying reference voltage for gain control. Note that the 0.1
mF
compensation capacitor is not required since the internal refer-
ence is overridden, and the relatively high input impedance of
REFIO minimizes any loading of the external reference.
150pF
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
3.3V
REFIO
FS ADJ
RSET
AD9742
EXTERNAL
REF
IREF =
VREFIO/RSET
AVDD
REFERENCE
CONTROL
AMPLIFIER
VREFIO
Figure 5. External Reference Configuration
DIGITAL DATA INPUTS (DB11–DB0)
150pF
+1.20V REF
AVDD
ACOM
REFLO
PMOS
CURRENT SOURCE
ARRAY
3.3V
SEGMENTED SWITCHES
FOR DB11–DB3
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
CLOCK
3.3V
RSET
2k
0.1 F
IOUTA
IOUTB
AD9742
SLEEP
LATCHES
IREF
VREFIO
CLOCK
IOUTB
IOUTA
RLOAD
50
VOUTB
VOUTA
RLOAD
50
VDIFF = VOUTA – VOUTB
MODE
Figure 3. Simplified Block Diagram


Similar Part No. - AD9742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9742 AD-AD9742 Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742-EBZ AD-AD9742-EBZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742ACP-PCBZ AD-AD9742ACP-PCBZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
More results

Similar Description - AD9742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9748 AD-AD9748 Datasheet
221Kb / 7P
   8-Bit, 165 MSPS TxDAC D/A Converter
REV. PrA
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9753 AD-AD9753 Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
   12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com