Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBQ20TTEB250K201M Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # TFBQ20TTEB250K201M
Description  r/c filter networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TFBQ20TTEB250K201M Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  TFBQ20TTEB250K201M Datasheet HTML 1Page - KOA Speer Electronics, Inc. TFBQ20TTEB250K201M Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TF(X)
r/c filter networks
features
Thin film construction
Surface mount package
Stable resistor technology
High component density
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
For further information on packaging, please refer to Appendix A.
dimensions and construction
w
L
p
Lead
Die
Pad
Molded
Resin
Bonding
Wire
Si
Wafer
a
c
W
H
ordering information
New Part #
Package
Code
W ±0.2
L ±0.2
Pins
Dimensions inches
(mm)
20
.341
(8.66)
.236
(5.99)
Q20
24
.341
(8.66)
.236
(5.99)
Q24
Total
Power
1 watt
1 watt
w ±0.2
.150
(3.81)
.150
(3.81)
H ±0.2
.063
(1.60)
.063
(1.60)
p ±0.1
.025
(0.635)
.025
(0.635)
a ±0.1
.010
(0.25)
.010
(0.25)
c ±0.1
.026
(0.66)
.026
(0.66)
circuit schematic
TFA: 20 pins
TFB: 20 pins
TFB: 24 pins
TFA
TFB
Reference
above table
T: Sn
(Other termination
styles available,
contact factory
for options)
2 significant
digits +
number
of zeros
2 significant
digits +
number
of zeros
TFB
Q20
T
TEB
250
Termination
Material
Type
Package
Code
Nominal
Capacitance
Packaging
Nominal
Resistance
201
TEB: 13"
embossed
plastic tape
K: ±10%
K
Tolerance
M: ±20%
M
Tolerance
/
EU
89
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/10


Similar Part No. - TFBQ20TTEB250K201M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TFBQ20TTEB250K/201M KOA-TFBQ20TTEB250K/201M Datasheet
95Kb / 2P
   r/c filter networks
More results

Similar Description - TFBQ20TTEB250K201M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TFAQ20T KOA-TFAQ20T Datasheet
95Kb / 2P
   r/c filter networks
logo
Bourns Electronic Solut...
4116R-R2R-503 BOURNS-4116R-R2R-503 Datasheet
60Kb / 1P
   R/2R Ladder Networks
logo
Willow Technologies Ltd
SOT143 WILLOW-SOT143 Datasheet
248Kb / 2P
   SMT-Precision-R-Networks
logo
List of Unclassifed Man...
6BIT103G ETC1-6BIT103G Datasheet
39Kb / 1P
   R/2R RESISTOR LADDER NETWORKS
logo
Bourns Electronic Solut...
4816P-R2R-103 BOURNS-4816P-R2R-103 Datasheet
383Kb / 1P
   R/2R Series Thick Film Networks
4116R-R2R-104 BOURNS-4116R-R2R-104 Datasheet
383Kb / 1P
   R/2R Series Thick Film Networks
logo
Arch Electronics Corp.
ST60 ARCH-ST60_18 Datasheet
406Kb / 4P
   Encapsulated D C - D C C o n v e r te r
logo
Tyco Electronics
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDSUX-C MACOM-CDSUX-C Datasheet
224Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
logo
Green Power Solutions s...
SA0019-XX GPSEMI-SA0019-XX Datasheet
532Kb / 2P
   R-C SNUBBER BOARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com