Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAOL-10GAT4 Datasheet(PDF) 2 Page - Visual Communications Company

Part # VAOL-10GAT4
Description  LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

VAOL-10GAT4 Datasheet(HTML) 2 Page - Visual Communications Company

  VAOL-10GAT4 Datasheet HTML 1Page - Visual Communications Company VAOL-10GAT4 Datasheet HTML 2Page - Visual Communications Company VAOL-10GAT4 Datasheet HTML 3Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics at Ta=25℃
Symbol
Iv
VF
λD
Parameter
Luminous Intensity
Forward Voltage
Dominant Wavelength
Condition
IF=20mA
IF=20mA
IF=20mA
Unit
mcd
V
nm
Grade
Range
Grade
Range
Grade
Range
BIN 14
480~680
B
1.8~1.9
R1
630~640
C
1.9~2.0
R2
640~646
D
2.0~2.1
Binning
Intensity: Tolerance of minimum and maximum = ± 15%
Vf: Tolerance of minimum and maximum = ± 0.05v
NOTE:
1. Static electricity and surge damages the LED. It is recommend to use a anti-static wrist
band or anti-electrostatic glove when handing the LEDs. All devices, equipment and machinery
must be properly grounded.
2. Specific binning requirements –please contact our home office
Radiation Diagram
IF=20 mA 50% Power Angle
Angle =30∘


Similar Part No. - VAOL-10GAT4

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
VAOL-10GCE4 VCC-VAOL-10GCE4 Datasheet
621Kb / 3P
   LED LAMP
VAOL-10GDE4 VCC-VAOL-10GDE4 Datasheet
622Kb / 3P
   LED LAMP
VAOL-10GRE4 VCC-VAOL-10GRE4 Datasheet
421Kb / 3P
   SUPERBRIGHT LED LAMP
VAOL-10GSBY4 VCC-VAOL-10GSBY4 Datasheet
618Kb / 3P
   SUPERBRIGHT LED LAMP
VAOL-10GWY4 VCC-VAOL-10GWY4 Datasheet
622Kb / 4P
   SUPERBRIGHT LED LAMP
More results

Similar Description - VAOL-10GAT4

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com