Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9775 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 1 Page - Analog Devices

  AD9775 Datasheet HTML 1Page - Analog Devices AD9775 Datasheet HTML 2Page - Analog Devices AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9775*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
14-Bit, 160 MSPS 2 /4 /8
Interpolating Dual TxDAC+® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
DIFFERENTIAL
CLK
COS
SIN
HALF-
BAND
FILTER 1
16
IMAGE
REJECTION/
DUAL DAC
MODE
BYPASS
MUX
I AND Q
NONINTERLEAVED
OR
INTERLEAVED
DATA
WRITE
SELECT
CLOCK OUT
HALF-BAND FILTERS ALSO CAN BE
CONFIGURED FOR "ZERO STUFFING ONLY"
*
GAIN
DAC
OFFSET
DAC
fDAC/2, 4, 8
SIN
COS
I/Q DAC
GAIN/OFFSET
REGISTERS
(
fDAC)
PHASE DETECTOR
AND VCO
PRESCALER
PLL CLOCK MULTIPLIER AND CLOCK DIVIDER
16
16
/2
16
DATA
ASSEMBLER
16
16
16
16
16
16
MUX
CONTROL
/2
/2
I
LATCH
Q
LATCH
/2
HALF-
BAND
FILTER 2
HALF-
BAND
FILTER 3
**
*
AD9775
SPI INTERFACE AND
CONTROL REGISTERS
FILTER
BYPASS
MUX
IDAC
IDAC
IOUT
FEATURES
14-Bit Resolution, 160/400 MSPS Input/Output Data Rate
Selectable 2 /4 /8
Interpolating Filter
Programmable Channel Gain and Offset Adjustment
fS/4, fS/8 Digital Quadrature Modulation
Capability
Direct IF Transmission Mode for 70 MHz + IFs
Enables Image Rejection Architecture
Fully Compatible SPI Port
Excellent AC Performance
SFDR –71 dBc @ 2 MHz–35 MHz
WCDMA ACPR –71 dB @ IF = 71 MHz
Internal PLL Clock Multiplier
Selectable Internal Clock Divider
Versatile Clock Input
Differential/Single-Ended Sine Wave or
TTL/CMOS/LVPECL Compatible
Versatile Input Data Interface
Two’s Complement/Straight Binary Data Coding
Dual-Port or Single-Port Interleaved Input Data
Single 3.3 V Supply Operation
Power Dissipation: Typical 1.2 W @ 3.3 V
On-Chip 1.2 V Reference
80-Lead Thermally Enhanced TQFP Package
GENERAL DESCRIPTION
The AD9775 is the 14-bit member of the AD977x pin-compatible,
high performance, programmable 2
×/4×/8× interpolating TxDAC+
family. The AD977x family features a serial port interface (SPI)
providing a high level of programmability, thus allowing for
enhanced system-level options. These options include: select-
able 2
×/4×/8× interpolation filters; f
S/2, fS/4, or fS/8 digital
quadrature modulation with image rejection; a direct IF mode;
programmable channel gain and offset control; programmable
internal clock divider; straight binary or two’s complement data
interface; and a single-port or dual-port data interface.
The selectable 2
×/4×/8× interpolation filters simplify the require-
ments of the reconstruction filters while simultaneously enhancing
the TxDAC+ family’s pass-band noise/distortion performance.
The independent channel gain and offset adjust registers allow
the user to calibrate LO feedthrough and sideband suppression
(continued on page 2)
APPLICATIONS
Communications
Analog Quadrature Modulation Architectures
3G, Multicarrier GSM, TDMA, CDMA Systems
Broadband Wireless, Point-to-Point Microwave Radios
Instrumentation/ATE
TxDAC+ is a registered trademark of Analog Devices, Inc.
*Protected bu U.S. Patent Numbers 5568145, 5689257, and 5703519. Other Patents pending.


Similar Part No. - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9775 AD-AD9775 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775 AD-AD9775_15 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2/4/8 Interpolating
Rev. E
More results

Similar Description - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Analog Devices
AD9767 AD-AD9767 Datasheet
469Kb / 27P
   14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com