Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9806 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9806
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9806 Datasheet(HTML) 5 Page - Analog Devices

  AD9806 Datasheet HTML 1Page - Analog Devices AD9806 Datasheet HTML 2Page - Analog Devices AD9806 Datasheet HTML 3Page - Analog Devices AD9806 Datasheet HTML 4Page - Analog Devices AD9806 Datasheet HTML 5Page - Analog Devices AD9806 Datasheet HTML 6Page - Analog Devices AD9806 Datasheet HTML 7Page - Analog Devices AD9806 Datasheet HTML 8Page - Analog Devices AD9806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
–5–
AD9806
ADC-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
(Same as AUX-MODE)
MAXIMUM CLOCK RATE
(Same as AUX-MODE)
ACTIVE CLAMP
(Same as AUX-MODE)
TIMING SPECIFICATIONS
1
(Same as AUX-MODE)
Specifications subject to change without notice.
DAC SPECIFICATIONS (DAC1 and DAC2)
Parameter
Min
Typ
Max
Unit
RESOLUTION
8
Bits
MIN OUTPUT
0.1
V
MAX OUTPUT
VDD – 0.1
V
MAX CURRENT LOAD
1
mA
MAX CAPACITIVE LOAD
500
pF
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
With Respect To
Min
Max
Unit
AVDD1, AVDD2
AVSS
–0.3
+3.9
V
DVDD1, DVDD2
DVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
SHP, SHD, DATACLK
DVSS
–0.3
DVDD + 0.3
V
CLPOB, CLPDM, PBLK
DVSS
–0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD + 0.3
V
VRT, VRB, CMLEVEL
AVSS
–0.3
AVDD + 0.3
V
CCDIN, CLPOUT, CLPREF, CLPBYP
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9806KST
–20
°C to +85°C
Thin Plastic Quad Flatpack (LQFP)
ST-48
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP Package
θJA = 92°C
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fADCCLK = 18 MHz, unless otherwise noted.)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9806 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD9806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
130Kb / 12P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
More results

Similar Description - AD9806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804 Datasheet
379Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
   Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com