Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5730 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJE5730
Description  1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5730 Datasheet(HTML) 4 Page - Motorola, Inc

  MJE5730 Datasheet HTML 1Page - Motorola, Inc MJE5730 Datasheet HTML 2Page - Motorola, Inc MJE5730 Datasheet HTML 3Page - Motorola, Inc MJE5730 Datasheet HTML 4Page - Motorola, Inc MJE5730 Datasheet HTML 5Page - Motorola, Inc MJE5730 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE5730 MJE5731 MJE5731A
4
Motorola Bipolar Power Transistor Device Data
t2
Figure 7. Switching Time Equivalent Circuit
TURN–ON PULSE
VBE(off)
Vin
APPROX
.
–11 V
0 V
t3
TURN–OFF PULSE
t1 ≤ 7.0 ns
100
≤ t2 < 500 µs
t3 < 15 ns
APPROX. + 9.0 V
DUTY CYCLE
≈ 2.0%
VCC
Vin
RC
RB
SCOPE
+ 4.0 V
Cjd << Ceb
51
t1
0.02
0.2
2.0
0.1
0.05
0.5
1.0
5.0
IC, COLLECTOR CURRENT (AMPS)
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
2.0
1.0
0.5
0.2
0.1
0.05
Figure 8. Turn–On Resistive Switching Times
Figure 9. Resistive Turn–Off Switching Times
IC, COLLECTOR CURRENT (AMPS)
0.01
1.0
0.5
0.1
0.05
0.02
0.02
0.2
2.0
0.1
0.05
0.5
1.0
tr
td
ts
tf
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
0.2
0.03
0.3
0.03
0.3
0.3
3.0
0.03
0.3
INPUT
50
50
VBB1 = 10 V
RBB2 =
100
TUT
VCE MONITOR
100 mH
VCC = 20 V
+
RBB1 =
150
IC MONITOR
RS =
0.1
VBB2 =
0
+
Test Circuit
Voltage and Current Waveforms
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCE(sat)
10 V
VCER
0 V
0.63 A
– 5 V
0 V
100 ms
tw ≈ 3 ms
(SEE NOTE 1)
Figure 10. Inductive Load Switching
MJE171


Similar Part No. - MJE5730

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
MJE5730 ONSEMI-MJE5730 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
logo
Inchange Semiconductor ...
MJE5730 ISC-MJE5730 Datasheet
264Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJE5730G ONSEMI-MJE5730G Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
More results

Similar Description - MJE5730

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
Motorola, Inc
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE371 MOTOROLA-MJE371 Datasheet
122Kb / 4P
   4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com