Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9834 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices AD9834 Datasheet HTML 10Page - Analog Devices AD9834 Datasheet HTML 11Page - Analog Devices AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9834
–10–
REV PrM
PRELIMINARY TECHNICAL DATA
FUNCTIONAL DESCRIPTION
Serial Interface
The AD9834 has a standard 3-wire serial interface, which
is compatible with SPI, QSPI, MICROWIRE and DSP
interface standards.
Data is loaded into the device as a 16-bit word under the
control of a serial clock input, SCLK. The timing dia-
gram for this operation is given in Figure 4.
The FSYNC input is a level triggered input that acts as a
frame synchronisation and chip enable. Data can only be
transferred into the device when FSYNC is low. To start
the serial data transfer, FSYNC should be taken low, ob-
serving the minimum FSYNC to SCLK falling edge setup
time, t7. After FSYNC goes low, serial data will be shifted
into the device's input shift register on the falling edges of
SCLK for 16 clock pulses. FSYNC may be taken high
after the sixteenth falling edge of SCLK, observing the
minimum SCLK falling edge to FSYNC rising edge time,
t8. Alternatively, FSYNC can be kept low for a multiple of
16 SCLK pulses, and then brought high at the end of the
data transfer. In this way, a continuous stream of 16 bit
words can be loaded while FSYNC is held low, FSYNC
only going high after the 16th SCLK falling edge of the
last word loaded.
The SCLK can be continuous or, alternatively, the SCLK
can idle high or low between write operations.
Powering up the AD9834
The flow chart in Figure 7 shows the operating routine for
the AD9834. When the AD9834 is powered up, the part
should be reset. This will reset appropriate internal regis-
ters to zero to provide an analog output of midscale. To
avoid spurious DAC outputs while the AD9834 is being
initialized, the RESET bit/pin should be set to 1 until the
part is ready to begin generating an output. RESET does
not reset the phase, frequency or control registers. These
registers will contain invalid data and, therefore, should be
set to a known value by the user. The RESET bit/pin
should then be set to 0 to begin generating an output. A
signal will appear at the DAC output 7 MCLK cycles after
RESET is set to 0.
Latency
Associated with each operation is a latency. When the pins
FSELECT and PSELECT change value there is a pipe-
line delay before control is transfered to the selected
register. When the timing specifications t11 and t11A are
met (see figure 3) FSELECT and PSELECT have laten-
cies of 7 MCLK cycles. When the timing specifications
t11 and t11A are not met, the latency is increased by one
MCLK cycle.
Similarly there is a latency associated with each asynchro-
nous write operation. If a selected frequency/phase register
is loaded with a new word there is a delay of 7 to 8 MCLK
cycles before the analog output will change. (There is an
uncertainty of one MCLK cycle as it depends on the posi-
tion of the MCLK rising edge when the data is loaded into
the destination register.)
The negative transition of the RESET and SLEEP func-
tions are sampled on the internal falling edge of MCLK,
therefore also have a latency associated with them.
The Control Register
The AD9834 contains a 16-bit control register which sets
up the AD9834 as the user wishes to operate it. All control
bits, except MODE, are sampled on the internal negative
edge of MCLK.
Table 2, on the following page, describes the individual
bits of the control register. The different functions and the
various output options from the AD9834 are described in
more detail in the section following Table 2.
To inform the AD9834 that you wish to alter the contents
of the Control register, D15 and D14 must be set to '0' as
shown below.
Table 1. Control Register
D15
D14
D13
D0
0
0
CONTROL BITS
Figure 6. Function of Control Bits
1
MUX
0
Div
by 2
DIV2
MODE + OPBITEN
SIGNPIB
SLEEP12
SLEEP1
Phase
Accumulator
(28 Bit)
SIN
ROM
1
MUX
0
1
MUX
0
COMPARATOR
(Low Power)
10 - Bit DAC
AD9834
DIGITAL
OUTPUT
(enable)
IOUT
IOUTB
VIN
SIGN BIT OUT
OPBITEN


Similar Part No. - AD9834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834 AD-AD9834 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9834BRU AD-AD9834BRU Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRU AD-AD9834BRU Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRU-REEL AD-AD9834BRU-REEL Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
More results

Similar Description - AD9834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9833 AD-AD9833 Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9837 AD-AD9837 Datasheet
974Kb / 28P
   Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com