Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9834BRU Datasheet(PDF) 4 Page - Analog Devices

Part # AD9834BRU
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834BRU Datasheet(HTML) 4 Page - Analog Devices

  AD9834BRU Datasheet HTML 1Page - Analog Devices AD9834BRU Datasheet HTML 2Page - Analog Devices AD9834BRU Datasheet HTML 3Page - Analog Devices AD9834BRU Datasheet HTML 4Page - Analog Devices AD9834BRU Datasheet HTML 5Page - Analog Devices AD9834BRU Datasheet HTML 6Page - Analog Devices AD9834BRU Datasheet HTML 7Page - Analog Devices AD9834BRU Datasheet HTML 8Page - Analog Devices AD9834BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9834
–4–
REV PrM
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AGND to DGND. . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
CAP/2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.75 V
Digital I/O Voltage to DGND –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . –40°C to +85°C
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9834BRU
– 40°C to +85°C
20-Pin TSSOP (Thin Shrink Small Outline Package ) RU-20
EVAL-AD9834EB
Evaluation Board
PIN CONFIGURATION
Storage Temperature Range . . . . . . . . . –65°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . +150°C
TSSOP Package
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . 143°C/W
θ
JC Thermal Impedance
. . . . . . . . . . . . . . . . . . . 45°C/W
Lead Temperature, Soldering (10 sec)
. . . . . . . . . 300°C
IR Reflow, Peak Temperature . . . . . . . . . . . . . . . 220°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9834 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
TOP VIEW
(Not to Scale)
O
FS ADJUST
REFOUT
AVDD
DVDD
CAP/+2.5V
DGND
MCLK
IOUTB
IOUT
AGND
VIN
SIGNBITOUT
FSYNC
SCLK
SDATA
AD9834
FSELECT
PSELECT
12
11
10
9
COMP
SLEEP
RESET


Similar Part No. - AD9834BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834BRU AD-AD9834BRU Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRU AD-AD9834BRU Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRU-REEL AD-AD9834BRU-REEL Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRU-REEL AD-AD9834BRU-REEL Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRU-REEL7 AD-AD9834BRU-REEL7 Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
More results

Similar Description - AD9834BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9833 AD-AD9833 Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9837 AD-AD9837 Datasheet
974Kb / 28P
   Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com