Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK10N90 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOK10N90
Description  900V,10A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK10N90 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOK10N90 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK10N90 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK10N90 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK10N90 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK10N90 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AOK10N90
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
15
30
45
60
75
90
Q
g (nC)
Figure 7: Gate-Charge Characteristics
V
DS=720V
I
D=10A
1
10
100
1000
10000
0.1
1
10
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0
2
4
6
8
10
12
0
25
50
75
100
125
150
T
CASE (°C)
Figure 9: Current De-rating (Note B)
V
DS (Volts)
Figure 10: Maximum Forward Biased Safe Operating
Area for AOK10N90 (Note F)
CASE
Figure 9: Current De-rating (Note B)
0.001
0.01
0.1
1
10
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance for AOK10N90 (Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=0.31°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
Rev0: Nov 2012
www.aosmd.com
Page 4 of 5


Similar Part No. - AOK10N90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK10N90 ISC-AOK10N90 Datasheet
421Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK10N90

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF10N90 AOSMD-AOTF10N90 Datasheet
302Kb / 5P
   900V, 10A N-Channel MOSFET
logo
Unisonic Technologies
10N90 UTC-10N90_12 Datasheet
203Kb / 6P
   10A, 900V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com