Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK18N65 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOK18N65
Description  650V,18A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK18N65 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOK18N65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOK18N65
650V,18A N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
18A
RDS(ON) (at VGS=10V)
< 0.39
100% UIS Tested
100% Rg Tested
For Halogen Free add "L" suffix to part number:
AOK18N65L
Symbol
The AOK18N65 is fabricated using an advanced high
voltage MOSFET process that is designed to deliver high
levels of performance and robustness in popular AC-DC
applications.By providing low RDS(on), Ciss and Crss along
with guaranteed avalanche capability this part can be
adopted quickly into new and existing offline power supply
designs.
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
750V@150℃
AOK18N65
G
D
S
Top View
TO-247
G
D
S
AOK18N65
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
Peak diode recovery dv/dt
dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
Maximum Case-to-sink
A
0.5
°C/W
0.3
6.3
°C/W
AOK18N65
Units
A
°C
mJ
W
W/
oC
°C/W
40
300
-55 to 150
Maximum Junction-to-Ambient
A,D
°C
PD
V/ns
mJ
V
±30
Gate-Source Voltage
18
12
TC=100°C
A
80
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
ID
V
Units
Parameter
Drain-Source Voltage
AOK18N65
650
Maximum Junction-to-Case
417
3.3
Avalanche Current
C
595
Single pulsed avalanche energy
G
1190
Parameter
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
Junction and Storage Temperature Range
Derate above 25
oC
Repetitive avalanche energy
C
TC=25°C
Thermal Characteristics
5
Power Dissipation
B
G
D
S
Top View
TO-247
G
D
S
AOK18N65
Rev0: Dec 2011
www.aosmd.com
Page 1 of 5


Similar Part No. - AOK18N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK18N65 ISC-AOK18N65 Datasheet
422Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK18N65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF18N65 AOSMD-AOTF18N65 Datasheet
365Kb / 5P
   650V,18A N-Channel MOSFET
logo
Unisonic Technologies
18N65 UTC-18N65 Datasheet
182Kb / 4P
   18A, 650V N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com