Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK20S60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOK20S60
Description  600V 20A a MOS Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK20S60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOK20S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOK20S60
Symbol
Min
Typ
Max
Units
600
-
-
650
700
-
-
-
1
-
10
-
IGSS
Gate-Body leakage current
-
-
±100
n
Α
VGS(th)
Gate Threshold Voltage
2.8
3.4
4.1
V
-
0.18
0.199
-
0.48
0.53
VSD
-
0.84
-
V
IS
Maximum Body-Diode Continuous Current
-
-
20
A
ISM
-
-
80
A
Ciss
-
1038
-
pF
Coss
-
68
-
pF
Co(er)
-
56.6
-
pF
Co(tr)
-
176.5
-
pF
Crss
-
2.1
-
pF
Rg
-
9.3
-
Qg
-
19.8
-
nC
Qgs
-
4.6
-
nC
Qgd
-
7.6
-
nC
tD(on)
-
27.5
-
ns
tr
-
32
-
ns
tD(off)
-
87.5
-
ns
tf
-
30
-
ns
trr
-
350
-
ns
Irm
-
27
-
A
Qrr
-
5.7
-
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=0V, VDS=100V, f=1MHz
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
ID=250µA, VGS=0V, TJ=150°C
Effective output capacitance, energy
related
H
VGS=0V, VDS=0 to 480V, f=1MHz
SWITCHING PARAMETERS
IDSS
Effective output capacitance, time
related
I
RDS(ON)
Static Drain-Source On-Resistance
IS=10A,VGS=0V, TJ=25°C
Diode Forward Voltage
Input Capacitance
VGS=0V, VDS=100V, f=1MHz
Output Capacitance
IF=10A,dI/dt=100A/µs,VDS=400V
Reverse Transfer Capacitance
BVDSS
VGS=10V, VDS=400V, ID=10A,
RG=25Ω
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=480V, ID=10A
Gate Source Charge
Gate Drain Charge
VGS=10V, ID=10A, TJ=25°C
VDS=480V, TJ=150°C
Zero Gate Voltage Drain Current
Body Diode Reverse Recovery Charge IF=10A,dI/dt=100A/µs,VDS=400V
Maximum Body-Diode Pulsed Current
C
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
Body Diode Reverse Recovery Time
Peak Reverse Recovery Current
IF=10A,dI/dt=100A/µs,VDS=400V
V
VGS=10V, ID=10A, TJ=150°C
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
µA
VDS=0V, VGS=±30V
VDS=600V, VGS=0V
VDS=5V,ID=250µA
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. L=60mH, IAS=2.5A, VDD=150V, Starting TJ=25°C
H. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS.
I. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS.
J. Wavesoldering only allowed at leads.
Rev 0: Jan 2012
www.aosmd.com
Page 2 of 6


Similar Part No. - AOK20S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK20S60 ISC-AOK20S60 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
   600V 20A a MOS
logo
Inchange Semiconductor ...
AOK20S60L ISC-AOK20S60L Datasheet
422Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK20S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
   600V 20A a MOS Power Transistor
AOB20S60L AOSMD-AOB20S60L Datasheet
330Kb / 7P
   600V 20A a MOS TM Power Transistor
AOW20S60 AOSMD-AOW20S60 Datasheet
284Kb / 6P
   600V 20A a MOS TM Power Transistor
AOT20S60L AOSMD-AOT20S60L Datasheet
519Kb / 7P
   600V 20A a MOS
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
   600V 20A a MOS
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
   600V 7A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
   600V 7A a MOS Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com