Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK53S60 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOK53S60
Description  600V 53A α MOS TM Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK53S60 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOK53S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK53S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK53S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK53S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK53S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK53S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOK53S60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
2040
6080
100
Qg (nC)
Figure 8: Gate-Charge Characteristics
VDS=480V
ID=26.5A
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
VDS (Volts)
Figure 9: Capacitance Characteristics
Ciss
Coss
Crss
0.01
0.1
1
10
100
1000
1
10
100
1000
VDS (Volts)
Figure 11: Maximum Forward Biased Safe
Operating Area for AOK53S60 (Note F)
10
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 7: Body-Diode Characteristics (Note E)
25°C
125°C
0
5
10
15
20
25
30
0
100
200
300
400
500
600
VDS (Volts)
Figure 10: Coss stroed Energy
Eoss
Rev0: Sep 2012
www.aosmd.com
Page 4 of 6


Similar Part No. - AOK53S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK53S60 ISC-AOK53S60 Datasheet
422Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK53S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW4S60 AOSMD-AOW4S60 Datasheet
290Kb / 6P
   600V 4A a MOS TM Power Transistor
AOB4S60L AOSMD-AOB4S60L Datasheet
301Kb / 6P
   600V 4A a MOS TM Power Transistor
AOB20S60L AOSMD-AOB20S60L Datasheet
330Kb / 7P
   600V 20A a MOS TM Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com