Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOL1432 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOL1432
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1432 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOL1432_08 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1432_08 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1432_08 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1432_08 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1432_08 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOL1432_08 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOL1432
Symbol
Min
Typ
Max
Units
BVDSS
25
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.8
3
V
ID(ON)
100
A
6.5
8.5
TJ=125°C
9.5
12
11.5
14
m
gFS
35
S
VSD
0.72
1
V
IS
55
A
Ciss
1430
1716
pF
Coss
319
pF
Crss
215
pF
Rg
1.2
2
Qg(10V)
26.4
32
nC
Qg(4.5V)
13.5
nC
Qgs
3.9
nC
Qgd
7.75
nC
tD(on)
6.5
ns
tr
10
ns
tD(off)
22.7
ns
tf
6.2
ns
trr
23.06
27.5
ns
Qrr
15.25
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=12.5V, RL=0.6Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=12.5V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
m
IS=1A, VGS=0V
VDS=5V, ID=10A
VGS=4.5V, ID=20A
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
Gate Threshold Voltage
VDS=VGS, ID=250µA
VDS=20V, VGS=0V
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250uA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=30A
Reverse Transfer Capacitance
IF=20A, dI/dt=100A/µs
VGS=0V, VDS=12.5V, f=1MHz
SWITCHING PARAMETERS
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C.
G. Surface mounted on a 1 in
2 FR-4 board with 2oz. Copper.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
* This device is guaranteed green after date code 8P11 (June 1
ST 2008)
Rev 3: Jul 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOL1432_08

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1432A AOSMD-AOL1432A Datasheet
162Kb / 7P
   N-Channel SDMOS POWER Transistor
AOL1432L AOSMD-AOL1432L Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1432_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com