Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAOS-A561G9-BW Datasheet(PDF) 4 Page - Visual Communications Company

Part # VAOS-A561G9-BW
Description  VAOS-C-A561G9
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

VAOS-A561G9-BW Datasheet(HTML) 4 Page - Visual Communications Company

  VAOS-A561G9-BW Datasheet HTML 1Page - Visual Communications Company VAOS-A561G9-BW Datasheet HTML 2Page - Visual Communications Company VAOS-A561G9-BW Datasheet HTML 3Page - Visual Communications Company VAOS-A561G9-BW Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GREEN
λ
Fig .4
2
3
(25°C Free Air Temperature Unless Otherwise Specified)
Typical Electro-optical Characteristic Curves


Similar Part No. - VAOS-A561G9-BW

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
VAOS-A561S9-BW VCC-VAOS-A561S9-BW Datasheet
200Kb / 4P
   SINGLE DIGIT DISPLAY
VAOS-A561S9-BW43 VCC-VAOS-A561S9-BW43 Datasheet
200Kb / 4P
   SINGLE DIGIT DISPLAY
More results

Similar Description - VAOS-A561G9-BW

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-32-000-6207 HARTING-09-32-000-6207 Datasheet
468Kb / 2P
   Han C-female contact-c 4mm짼
09-32-000-6205 HARTING-09-32-000-6205 Datasheet
468Kb / 2P
   Han C-female contact-c 2.5mm짼
09-32-000-6109 HARTING-09-32-000-6109 Datasheet
444Kb / 2P
   Han C-male contact-c 10mm짼
09-32-000-6108 HARTING-09-32-000-6108 Datasheet
444Kb / 2P
   Han C-male contact-c 6mm짼
logo
Kemet Corporation
080MS12AAMA1STD KEMET-080MS12AAMA1STD Datasheet
589Kb / 7P
   MS/MD, 60°C/70°C
6/21/2021
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
logo
Pasternack Enterprises,...
PE9208 PASTERNACK-PE9208 Datasheet
245Kb / 2P
   C Female to C Female Adapter
logo
Arch Electronics Corp.
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
logo
HARTING Technology Grou...
09-32-000-6204 HARTING-09-32-000-6204 Datasheet
468Kb / 2P
   Han C-female contact-c 1.5mm짼
2021-10-01
logo
Arch Electronics Corp.
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com