Electronic Components Datasheet Search |
|
DBMY25SY101 Datasheet(PDF) 8 Page - ITT Industries |
|
DBMY25SY101 Datasheet(HTML) 8 Page - ITT Industries |
8 / 62 page Military/Hi-Reliability D*M D-Subminiature Ordering Information - Connector Designator For Hi-Reliability Crimp, Solder Cup and PCB Type, Standard & Hi-Density Connectors with Machined Contacts C-8 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change C Typical Part Number: DBM* E 25 P M NMB A197 FO • Product Family Designator D*M = Solder Cup & Std. Density PCB Industrial/Commercial Version (without spacer for straight PCB) D*MM = Solder Cup & PCB Mil version (50 micro-inch gold contact/plating , with spacer for straight PCB) D*MA = Crimp & Hi-Density PCB Industrial/ Commercial Version D*MAM = Crimp/Hi-Density PCB Mil version (50 microinch gold contact plating) • Hardware Modifier =0.120” (3,05mm) Through Hole B =4-40 Female Screwlock E =4-40 Clinchnut K =0.162” (4,11mm) Through Hole X =M3 clinchnut Y =Dual Float Mount * =Shell Sizes are E, A, B, C, D • Layouts *Standard Density (D*M, D*MM) 9, 15, 25, 37, 50 *High Density (D*MA, D*MAM) 15, 26, 44, 62, 78, 104 • Gender P = Male Plug, Pin S = Female Receptacle, Socket FO - Without contacts - D*MA crimp versions only • Modifier (standard) Yellow chromate over zinc shells A197 Tin over Nickel shells (receptacles only) (RoHS) F224 Epoxy sealing of insulator to shell and contacts F225 303 Stainless steel, passivated (Thru hole only) K52 50 gold over copper plating on shells and contacts K87 Tin, dimpled shells (plugs only) (RoHS) (US only) K128 K52 gold plating on Aluminum Shells, Nickel Under Plate F216 Machined Aluminum Shells, Nickel Under Plate A101 Yellow chromate over cadmium • Residual Magnetism/Outgassing NMB- 200 Gamma Max. Residual Magnetism/<1% TML • PC Tail Modifier (Standard Density) = Solder cup (D*M/D*MM) A = 90° PCB contact w/Plastic Bracket (.99" - .154" lg by .040" Ø) B = Straight PCB contact (.99" - .154" lg by .040" Ø) C = 90° PCB contact w/o Plastic Bracket (.99" - .154"" lg by .040" Ø) D = 90° PCB contact w/Plastic Bracket (.99" - .154" lg by .030" Ø) E = Straight PCB contact (.99" - .154" lg by .030" Ø) F = 90° PCB contact w/o Plastic Bracket (.99" - .154" lg by .030" Ø) G = 90° PCB contact w/Plastic Bracket (.130" - .185" lg by .040" Ø) H = Straight PCB contact (.130" - .185" lg by .040" Ø) K = 90° PCB contact w/o Plastic Bracket (.130" - .185" lg by .040" Ø) L = 90° PCB contact w/Plastic Bracket (.130" - .185" lg by .030" Ø) M = Straight PCB contact (.130" - .185" lg by .040" Ø) P = 90° PCB contact w/o Plastic Bracket (.130" - .185" lg by .030" Ø) R = 90° PCB contact w/o Plastic Bracket (.155" - .210" lg by .030" Ø) S = 90° PCB contact w/Plastic Bracket (.155" - .210" lg by .030" Ø) W = 90° PCB contact w/Plastic Bracket (.155" - .210" lg by .040" Ø) X = Straight PCB contact (.155" - .210" lg by .030" Ø) Z = Straight PCB contact(.155" - .210" lg by .040" Ø) F179 = Straight square PCB or wire wrap contact (.375" by .024") F179A = Straight square PCB or wire wrap contact (.500" by .024") PC Tail Modifier (High Density) **L = 90° PCB contact w/Plastic Bracket (.140" lg by .021" Ø) **M = Straight PCB contact (.140" lg by .021" Ø) **P = 90° PCB contact w/o Plastic Bracket (.140" lg by .021" Ø) R = 90° PCB contact w/o Plastic Bracket (.197" lg by .021" Ø) S = 90° PCB contact w/Plastic Bracket (.197" lg by .021" Ø) Z/OL3 = Straight PCB contact (.197" lg by .021" Ø) * 104 Position Available in Machined Aluminum Shells only * = Crimp (D*MA, D*MAM) * = Shell Sizes are E, A, B, C, D, F (F available in high density aluminum only) ** = Legacy Tail Modifiers “D”, “E” and “F” have been replaced by Tail Modifiers “L”, “M” and “P” respectively ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 8 |
Similar Part No. - DBMY25SY101 |
|
Similar Description - DBMY25SY101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |