Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON2240 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON2240
Description  40V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON2240 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON2240 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON2240 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON2240 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON2240 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON2240 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON2240 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON2240
Symbol
Min
Typ
Max
Units
BVDSS
40
V
VDS=40V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.4
1.9
2.4
V
ID(ON)
32
A
16.8
21
TJ=125°C
24.5
31
22.6
29
m
gFS
33
S
VSD
0.75
1
V
IS
3.5
A
Ciss
415
pF
Coss
112
pF
Crss
11
pF
Rg
1
2.2
3.5
Qg(10V)
6.5
12
nC
Qg(4.5V)
3
6
nC
Qgs
1.2
nC
Qgd
1.1
nC
tD(on)
4
ns
t
3
ns
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
VGS=10V, VDS=20V, ID=8A
V
=10V, V =20V, R =2.5
Ω,
Turn-On Rise Time
VDS=5V, ID=8A
Forward Transconductance
VGS=10V, VDS=5V
IS=1A,VGS=0V
Turn-On DelayTime
Diode Forward Voltage
VGS=0V, VDS=0V, f=1MHz
Gate Source Charge
Input Capacitance
Output Capacitance
Gate Drain Charge
Gate resistance
Total Gate Charge
Reverse Transfer Capacitance
Total Gate Charge
SWITCHING PARAMETERS
Static Drain-Source On-Resistance
IDSS
VDS=0V, VGS=±20V
VGS=0V, VDS=20V, f=1MHz
µA
VDS=VGS,ID=250µA
VGS=10V, ID=8A
Zero Gate Voltage Drain Current
Gate-Body leakage current
VGS=4.5V, ID=4A
m
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
On state drain current
ID=250µA, VGS=0V
Drain-Source Breakdown Voltage
RDS(ON)
tr
3
ns
tD(off)
15
ns
tf
2
ns
trr
12.5
ns
Qrr
3.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=10V, VDS=20V, RL=2.5Ω,
RGEN=3Ω
Body Diode Reverse Recovery Charge IF=8A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
IF=8A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off Fall Time
Turn-Off DelayTime
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The Power dissipation P
DSM is based on R
θJA t ≤ 10s value and the maximum allowed junction temperature of 150°C. The value in any
given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0 : Dec. 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AON2240

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AON2240 KEXIN-AON2240 Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AON2240

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com