Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5171 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5171
Description  1.5 A 280 kHz/560 kHz Boost Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5171 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5171_10 Datasheet HTML 4Page - ON Semiconductor CS5171_10 Datasheet HTML 5Page - ON Semiconductor CS5171_10 Datasheet HTML 6Page - ON Semiconductor CS5171_10 Datasheet HTML 7Page - ON Semiconductor CS5171_10 Datasheet HTML 8Page - ON Semiconductor CS5171_10 Datasheet HTML 9Page - ON Semiconductor CS5171_10 Datasheet HTML 10Page - ON Semiconductor CS5171_10 Datasheet HTML 11Page - ON Semiconductor CS5171_10 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature (°C)
0.5
0.6
0.7
0.8
0.9
0
100
50
1.0
1.1
0.4
Temperature (°C)
2.20
2.30
2.40
2.50
0
100
50
2.60
VCC = 12 V
VCC = 30 V
VCC = 2.7 V
Temperature (°C)
80
100
120
140
0
100
50
160
VCC = 12 V
VCC = 30 V
VCC = 2.7 V
60
40
Temperature (°C)
95
96
97
98
0
100
50
99
VCC = 30 V
VCC = 2.7 V
94
93
VSS (V)
10
20
30
40
17
5
−40°C
0
−10
85°C
25°C
39
VCC = 12 V
Temperature (°C)
0.7
0.9
1.1
1.3
0
100
50
1.5
1.7
VC High Clamp Voltage
VC Threshold
Figure 15. Current Limit vs. Temperature
Figure 16. Maximum Duty Cycle vs. Temperature
Figure 17. VC Threshold and High Clamp
Voltage vs. Temperature
Figure 18. Shutdown Threshold vs. Temperature
Figure 19. Shutdown Delay vs. Temperature
Figure 20. ISS vs. VSS


Similar Part No. - CS5171_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5171ED8 ONSEMI-CS5171ED8 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
CS5171ED8 ONSEMI-CS5171ED8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5171ED8G ONSEMI-CS5171ED8G Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5171EDR8 ONSEMI-CS5171EDR8 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
CS5171EDR8 ONSEMI-CS5171EDR8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
More results

Similar Description - CS5171_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com