Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9875 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9875
Description  Broadband Modem Mixed-Signal Front End
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9875 Datasheet HTML 5Page - Analog Devices AD9875 Datasheet HTML 6Page - Analog Devices AD9875 Datasheet HTML 7Page - Analog Devices AD9875 Datasheet HTML 8Page - Analog Devices AD9875 Datasheet HTML 9Page - Analog Devices AD9875 Datasheet HTML 10Page - Analog Devices AD9875 Datasheet HTML 11Page - Analog Devices AD9875 Datasheet HTML 12Page - Analog Devices AD9875 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
AD9875
–9–
FREQUENCY – MHz
0
1326385164
7790
102
115
128
0
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
TPC 7. Single Tone Spectral Plot @ fDATA = 32 MSPS,
fOUT = 5 MHz, 4
LPF
FREQUENCY – MHz
0
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
10203040506070
80
90
100
TPC 8. Single Tone Spectral Plot @ fDATA = 50 MSPS,
fOUT = 11 MHz, 2
LPF
f
OUT – MHz
90
85
60
80
75
70
65
13
246
579
810
12
11
13
15
14
16
18
17
fDATA = 32MSPS
fDATA = 50MSPS
TPC 9. “In Band” SFDR vs. fOUT @ fDATA = 32 MSPS
and 50 MSPS
f
OUT – MHz
90
85
60
80
75
70
65
13
246
579
810
12
11
13
15
14
16
18
17
fDATA = 50MSPS
fDATA = 50MSPS
TPC 10. “Out of Band” SFDR vs. fOUT @ fDATA = 32 MSPS
and 50 MSPS
FREQUENCY – MHz
0
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
7.5
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
7.3
7.4
TPC 11. Dual Tone Spectral Plot @ fDATA = 32 MSPS,
fOUT = 6.9 MHz and 7.1 MHz, 4
LPF
FREQUENCY – MHz
0
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
7.5
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
7.3
7.4
TPC 12. Dual Tone Spectral Plot @ fDATA = 50 MSPS,
fOUT = 6.9 MHz and 7.1 MHz, 2
LPF
Typical AC Characteristics Curves for TxDAC (R
SET = 4.02 k
, RDAC = 100
)


Similar Part No. - AD9875

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
   Broadband Modem Mixed-Signal Front End
REV. A
More results

Similar Description - AD9875

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
   Broadband Modem Mixed-Signal Front End
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
   Broadband Modem Mixed-Signal Front End
AD9975 AD-AD9975 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9868 AD-AD9868 Datasheet
839Kb / 36P
   Broadband Modem Mixed-Signal Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com