Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9884AKS-100 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9884AKS-100
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884AKS-100 Datasheet(HTML) 1 Page - Analog Devices

  AD9884AKS-100 Datasheet HTML 1Page - Analog Devices AD9884AKS-100 Datasheet HTML 2Page - Analog Devices AD9884AKS-100 Datasheet HTML 3Page - Analog Devices AD9884AKS-100 Datasheet HTML 4Page - Analog Devices AD9884AKS-100 Datasheet HTML 5Page - Analog Devices AD9884AKS-100 Datasheet HTML 6Page - Analog Devices AD9884AKS-100 Datasheet HTML 7Page - Analog Devices AD9884AKS-100 Datasheet HTML 8Page - Analog Devices AD9884AKS-100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9884A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
100 MSPS/140 MSPS
Analog Flat Panel Interface
GENERAL DESCRIPTION
The AD9884A is a complete 8-bit 140 MSPS monolithic analog
interface optimized for capturing RGB graphics signals from
personal computers and workstations. Its 140 MSPS encode
rate capability and full-power analog bandwidth of 500 MHz
supports display resolutions of up to 1280
× 1024 (SXGA) at
75 Hz with sufficient input bandwidth to accurately acquire and
digitize each pixel.
To minimize system cost and power dissipation, the AD9884A
includes an internal +1.25 V reference, PLL to generate a pixel
clock from HSYNC, and programmable gain, offset and clamp
circuits. The user provides only a +3.3 V power supply, analog
input, and HSYNC signals. Three-state CMOS outputs may be
powered by a supply between 2.5 V and 3.3 V.
The AD9884A’s on-chip PLL generates a pixel clock from the
HSYNC input. Pixel clock output frequencies range from
FEATURES
140 MSPS Maximum Conversion Rate
500 MHz Analog Bandwidth
0.5 V to 1.0 V Analog Input Range
400 ps p-p PLL Clock Jitter
Power-Down Mode
3.3 V Power Supply
2.5 V to 3.3 V Three-State CMOS Outputs
Demultiplexed Output Ports
Data Clock Output Provided
Low Power: 570 mW Typical
Internal PLL Generates CLOCK from HSYNC
Serial Port Interface
Fully Programmable
Supports Alternate Pixel Sampling for Higher-
Resolution Applications
APPLICATIONS
RGB Graphics Processing
LCD Monitors and Projectors
Plasma Display Panels
Scan Converters
FUNCTIONAL BLOCK DIAGRAM
SDA SCL A0 A1 PWRDN
HSYNC
COAST
CLAMP
FILT
CKEXT
REFIN
CKINV
REFOUT
8
A/D
CLAMP
RIN
GIN
BIN
8
A/D
CLAMP
8
8
A/D
CLAMP
8
REF
8
8
8
8
8
8
SOGIN
0.15V
2
AD9884A
CLOCK
GENERATOR
SOGOUT
DATACK
ROUTA
ROUTB
GOUTA
GOUTB
BOUTA
BOUTB
HSOUT
CONTROL
20 MHz to 140 MHz. PLL clock jitter is typically 400 ps p-p
relative to the input reference. When the COAST signal is pre-
sented, the PLL maintains its output frequency in the absence
of HSYNC. A 32-step sampling phase adjustment is provided.
Data, HSYNC and Data Clock output phase relationships are
always maintained. The PLL can be disabled and an external
clock input provided as the pixel clock.
A clamp signal is generated internally or may be provided by the
user through the CLAMP input pin. This device is fully program-
mable via a two-wire serial port.
Fabricated in an advanced CMOS process, the AD9884A is
provided in a space-saving 128-lead MQFP surface mount plas-
tic package and is specified over a 0
°C to +70°C temperature
range.


Similar Part No. - AD9884AKS-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9884AKS-100 AD-AD9884AKS-100 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
More results

Similar Description - AD9884AKS-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888 Datasheet
249Kb / 32P
   100/140/170/205 MSPS Analog Flat Panel Interface
REV. A
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com