Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7093 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7093
Description  High-Current PN Half-Bridge Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7093 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7093_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7093 • Rev. 1.0.4
FAN7093
High-Current PN Half-Bridge Driver
Features
Path Resistance for a Full-Bridge Configuration:
Max. 30.5 mΩ at 150°C
PWM Capability: > 60 kHz Combined with Active
Free Wheeling
Switched-Mode Current Limitation for Reduced
Power Dissipation In Over-Current Condition
Current Limit Protection: Typ. 46 A
Independent Current-Sense Output and Diagnostic
Flag for High and Low Sides
Over-Temperature Protection (OTP) with Latch
Shorted-Load Protection with Latch Behavior
Over-Voltage Protection (OVP) with Lockout
Under-Voltage Protection (UVP)
Logic Level Control Inputs
Adjustable Slew Rates for Optimized EMI
Typical Slew Rate of 1 V/µs with
Open Slew Rate Pin
Description
The FAN7093 is an integrated high-current half-bridge
driver for electric motor drive applications. It contains
one P-channel high-side MOSFET and one N-channel
low-side MOSFET with an integrated control IC in one
package. With the P-channel high-side switch, the need
for a charge pump is eliminated, which minimizes EMI.
Pins IN and /INH are logic-level inputs and control the
half-bridge output. The diagnostic and current sense IS
pin outputs a current that is proportional to the current
flowing through the half-bridge MOSFETs. The IS pin
output represents current for the P-channel or the N-
channel, depending on which is active.
The part is protected against a short to battery or
ground of the out pin, over-current, over-temperature,
over-voltage,
and
under-voltage
conditions.
The
FAN7093 provides a cost- and space-optimized solution
for protected high-current PWM motor drives.
Figure 1.
TO263-7L
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FAN7093_F085
-40 to +150°C
8-Lead, TO263, Molded, JEDEC Variation CA
Tape & Reel


Similar Part No. - FAN7093_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093 Datasheet
1Mb / 19P
   High Current PN Half Bridge Rectifier 47 A, Max path resistance 30.5 m at 150 째C
More results

Similar Description - FAN7093_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
   High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com