Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF0ULX1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF0ULX1
Description  MIFARE Ultralight EV1 - contactless ticket IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0ULX1 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF0ULX1 Datasheet HTML 1Page - NXP Semiconductors MF0ULX1 Datasheet HTML 2Page - NXP Semiconductors MF0ULX1 Datasheet HTML 3Page - NXP Semiconductors MF0ULX1 Datasheet HTML 4Page - NXP Semiconductors MF0ULX1 Datasheet HTML 5Page - NXP Semiconductors MF0ULX1 Datasheet HTML 6Page - NXP Semiconductors MF0ULX1 Datasheet HTML 7Page - NXP Semiconductors MF0ULX1 Datasheet HTML 8Page - NXP Semiconductors MF0ULX1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
2345
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 19 February 2013
234530
3 of 50
NXP Semiconductors
MF0ULx1
MIFARE Ultralight EV1 - contactless ticket IC
2.
Features and benefits
2.1 EEPROM
3.
Applications
4.
Quick reference data
[1]
LCR meter, Tamb = 22 C, fi = 13.56 MHz, 2 V RMS.
Contactless transmission of data and
supply energy
Operating distance up to 100 mm
depending on antenna geometry and
reader configuration
Operating frequency of 13.56 MHz
Data transfer of 106 kbit/s
Data integrity of 16-bit CRC, parity, bit
coding, bit counting
True anticollision
7 byte serial number (cascade level 2
according to ISO/IEC 14443-3)
Typical ticketing transaction: < 35 ms
Fast counter transaction: < 10 ms
640-bit or 1312-bit, organized in 20 or
41 pages with 4 bytes per page
First 512 bits compatible to MF0ICU1
Field programmable read-only locking
function per page for the first 512 bits
Field programmable read-only locking
function per double page above the first
512 bits
32-bit user definable One-Time
Programmable (OTP) area
384-bit or 1024-bit freely available user
Read/Write area (12 or 32 pages)
3 independent, true one-way 24-bit
counters on top of the user area
Anti-tearing support for counters, OTP
area and lock bits
Configurable password protection with
optional limit of unsuccessful attempts
ECC based originality signature
Data retention time of 10 years
Write endurance 100.000 cycles
Write endurance for one-way counters
1.000.000 cycles
Public transportation
Loyalty
Event ticketing
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ci
input capacitance
[1]
-
17.0
-
pF
fi
input frequency
-
13.56
-
MHz
EEPROM characteristics
tret
retention time
Tamb = 22 C10
-
-
year
Nendu(W)
write endurance
Tamb = 22 C
100000
-
-
cycle
Nendu(W)
write endurance counters Tamb = 22 C
100000
1000000
-
cycle


Similar Part No. - MF0ULX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
C&K Components
MF00 CK-COMPONENTS-MF00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Mitsubishi Electric Sem...
MF0015M-03ATXX MITSUBISHI-MF0015M-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0030M-03ATXX MITSUBISHI-MF0030M-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
More results

Similar Description - MF0ULX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
   MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
   MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
   MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
   MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
   MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com