Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF0UL1101DUD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF0UL1101DUD
Description  MIFARE Ultralight EV1 - contactless ticket IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0UL1101DUD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MF0UL1101DUD Datasheet HTML 3Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 4Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 5Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 6Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 7Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 8Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 9Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 10Page - NXP Semiconductors MF0UL1101DUD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
2345
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 19 February 2013
234530
7 of 50
NXP Semiconductors
MF0ULx1
MIFARE Ultralight EV1 - contactless ticket IC
8.2 RF interface
The RF-interface is based on the ISO/IEC 14443 Type A standard for contactless smart
cards.
During operation, the reader generates an RF field. This RF field must always be present
(with short pauses for data communication), as it is used for the power supply of the card.
For both directions of data communication, there is one start bit at the beginning of each
frame. Each byte is transmitted with an odd parity bit at the end. The LSB of the byte with
the lowest address of the selected block is transmitted first. The maximum length of a
PCD to PICC frame is 199 bits (20 data bytes + 2 CRC bytes = 20
9 + 29 + 1 start bit).
The maximum length for a fixed size PICC to PCD frame is 307 bits (32 data bytes + 2
CRC bytes = 32
9 + 29 + 1 start bit). The FAST_READ response has a variable frame
length depending on the start and end address parameters. When issuing this command,
take into account the maximum frame length that the PCD supports.
For a multi-byte parameter, the least significant byte is always transmitted first. As an
example, take reading from the memory using the READ command. Byte 0 from the
addressed block is transmitted first after which, byte 1 to byte 3 are transmitted. The same
sequence continues for the next block and all subsequent blocks.
8.3 Data integrity
Following mechanisms are implemented in the contactless communication link between
reader and card to ensure very reliable data transmission:
16 bits CRC per block
parity bits for each byte
bit count checking
bit coding to distinguish between “1”, “0” and “no information”
channel monitoring (protocol sequence and bit stream analysis)


Similar Part No. - MF0UL1101DUD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
C&K Components
MF00 CK-COMPONENTS-MF00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Mitsubishi Electric Sem...
MF0015M-03ATXX MITSUBISHI-MF0015M-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0030M-03ATXX MITSUBISHI-MF0030M-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
More results

Similar Description - MF0UL1101DUD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
   MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
   MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
   MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
   MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
   MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com