Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON3613 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON3613
Description  30V Complementary MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON3613 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON3613 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON3613 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AON3613
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
0.7
1.05
1.5
V
ID(ON)
20
A
42
52
TJ=125°C
66
82
47
60
m
gFS
15
S
VSD
0.75
1
V
IS
2.5
A
Ciss
245
pF
Coss
35
pF
Crss
20
pF
Rg
5.3
Qg(10V)
5.7
10
nC
Qg(4.5V)
2.6
5
nC
Qgs
0.5
nC
Qgd
1
nC
tD(on)
2
ns
t
3.5
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=10V, V =15V, R =3.3
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=15V, ID=4.5A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Static Drain-Source On-Resistance
m
IS=1A,VGS=0V
VDS=5V, ID=4.5A
VGS=4.5V, ID=3A
N-channel Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=4.5A
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS, ID=250µA
VDS=0V, VGS=±10V
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
tr
3.5
ns
tD(off)
22
ns
tf
3.5
ns
trr
6.5
ns
Qrr
7.5
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=4.5A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=3.3Ω,
RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=4.5A, dI/dt=500A/µs
A. The value of R
qJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The R
qJA is the sum of the thermal impedance from junction to lead RqJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedance which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
Rev 1: Sep. 2012
www.aosmd.com
Page 2 of 9


Similar Part No. - AON3613

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON3611 AOSMD-AON3611 Datasheet
451Kb / 9P
   30V Complementary MOSFET
More results

Similar Description - AON3613

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C Datasheet
316Kb / 4P
   30V Complementary MOSFET
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com