Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON3806 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON3806
Description  20V Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON3806 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON3806_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON3806_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON3806_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON3806_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON3806_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AON3806
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
0
2
4
6
8
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
0
5
10
15
20
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=10V
I
D=6A
1
10
100
1000
10000
1E-05
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
T
A=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased
10
µs
10s
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
100
µs
10ms
Ambient (Note F)
Figure 9: Maximum Forward Biased
Safe Operating Area (Note F)
0.001
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=95°C/W
Rev 7: April. 2012
www.aosmd.com
Page 4 of 5


Similar Part No. - AON3806_12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806 Datasheet
134Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON3806_12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com