Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5742 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJE5742
Description  POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5742 Datasheet(HTML) 4 Page - Motorola, Inc

  MJE5742 Datasheet HTML 1Page - Motorola, Inc MJE5742 Datasheet HTML 2Page - Motorola, Inc MJE5742 Datasheet HTML 3Page - Motorola, Inc MJE5742 Datasheet HTML 4Page - Motorola, Inc MJE5742 Datasheet HTML 5Page - Motorola, Inc MJE5742 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE5740 MJE5741 MJE5742
4
Motorola Bipolar Power Transistor Device Data
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 6 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 6 may be found at any case tem-
perature by using the appropriate curve on Figure 1.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage–current condition allowable dur-
ing reverse biased turnoff. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 7 gives the complete RBSOA
characteristics.
The Safe Operating Area figures shown in Figures 6 and 7 are specified ratings for these devices under the test conditions shown.
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 6. Forward Bias Safe Operating Area
Figure 7. Reverse Bias Safe Operating Area
16
14
12
8
0
2
4
10
100
200
300
500
0
400
16
5
10
8
1
0.02
100
0.1
10
20
200
400
3
0.5
50
0.3
0.05
dc
1 ms
100
µs
MJE5742
MJE5741
MJE5740
VBE(off) ≤ 5 V
TJ = 100°C
6
CURVES APPLY BELOW RATED VCEO
10
µs
MJE5742
MJE5741
MJE5740
5 ms
BONDING WIRE LIMIT
THERMAL LIMIT
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
IC, COLLECTOR CURRENT (AMPS)
0.5 0.7
1
2
10
7
5
2
1
0.7
0.2
0.3
5
0.5
10
3
3
0.3
0.2
7
IC, COLLECTOR CURRENT (AMPS)
0.5 0.7
1
2
10
0.7
0.5
0.2
0.1
0.07
0.02
0.3
Figure 8. Turn–On Time
5
0.05
1
Figure 9. Turn–Off Time
3
VCC = 250 V
IB1 = IB2
IC/IB = 20
ts
tr
tf
td
VCC = 250 V
IB1 = IB2
IC/IB = 20
0.3
0.03
0.2
7
RESISTIVE SWITCHING PERFORMANCE


Similar Part No. - MJE5742

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5742 ONSEMI-MJE5742 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJE5742 ONSEMI-MJE5742 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJE5742 NJSEMI-MJE5742 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
logo
ON Semiconductor
MJE5742G ONSEMI-MJE5742G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
MJE5742G ONSEMI-MJE5742G Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
More results

Similar Description - MJE5742

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com