Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5742 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJE5742
Description  POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5742 Datasheet(HTML) 5 Page - Motorola, Inc

  MJE5742 Datasheet HTML 1Page - Motorola, Inc MJE5742 Datasheet HTML 2Page - Motorola, Inc MJE5742 Datasheet HTML 3Page - Motorola, Inc MJE5742 Datasheet HTML 4Page - Motorola, Inc MJE5742 Datasheet HTML 5Page - Motorola, Inc MJE5742 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJE5740 MJE5741 MJE5742
5
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 221A–06
TO–220AB
ISSUE Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
1
2 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J


Similar Part No. - MJE5742

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5742 ONSEMI-MJE5742 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJE5742 ONSEMI-MJE5742 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJE5742 NJSEMI-MJE5742 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
logo
ON Semiconductor
MJE5742G ONSEMI-MJE5742G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
MJE5742G ONSEMI-MJE5742G Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
More results

Similar Description - MJE5742

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com