Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON4605 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AON4605
Description  30V Complementary MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4605 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

  AON4605 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON4605 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AON4605
P-Channel: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
1
2
3
4
5
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
50
100
150
200
250
300
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=-15V
ID=-3.4A
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating
Junction-to-Ambient (Note F)
TA=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µs
10ms
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=100°C/W
Ton
T
PD
Single Pulse
Rev 2: Feb. 2011
www.aosmd.com
Page 8 of 9


Similar Part No. - AON4605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4602 AOSMD-AON4602 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4602L AOSMD-AON4602L Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4603 AOSMD-AON4603 Datasheet
155Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4604 AOSMD-AON4604 Datasheet
160Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results

Similar Description - AON4605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C Datasheet
316Kb / 4P
   30V Complementary MOSFET
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com