Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1126 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1126
Description  High Voltage Switcher for Offline Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1126 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1126_12 Datasheet HTML 5Page - ON Semiconductor NCP1126_12 Datasheet HTML 6Page - ON Semiconductor NCP1126_12 Datasheet HTML 7Page - ON Semiconductor NCP1126_12 Datasheet HTML 8Page - ON Semiconductor NCP1126_12 Datasheet HTML 9Page - ON Semiconductor NCP1126_12 Datasheet HTML 10Page - ON Semiconductor NCP1126_12 Datasheet HTML 11Page - ON Semiconductor NCP1126_12 Datasheet HTML 12Page - ON Semiconductor NCP1126_12 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP1126, NCP1129
http://onsemi.com
10
latched−state, a permanent current must be injected in the
part. If too low of a current, the part de−latches and the
converter resumes operation. This current is characterized to
32
mA as a minimum but we recommend including a design
margin and select a value around 60
mA. The test is to latch
the part and reduce the input voltage until it de−latches. If
you de−latch at Vin = 70 V rms for a minimum voltage of
85 V rms, you are fine. If it precociously recovers, you will
have to increase the start−up current, unfortunately to the
detriment of standby power.
The most sensitive configuration is actually that of the
half−wave connection proposed in Figure 3. As the current
disappears 5 ms for a 10 ms period (50 Hz input source), the
latch can potentially open at low line. If you really reduce the
start−up current for a low standby power design, you must
ensure enough current in the SCR in case of a faulty event.
An alternate connection to the above is shown below
(Figure 4):
Figure 4. The Full−Wave Connection Ensures Latch Current Continuity as well as a X2−Discharge Path
In this case, the current is no longer made of 5 ms “holes”
and the part can be maintained at a low input voltage.
Experiments show that these 2 M
W resistor help to maintain
the latch down to less than 50 V rms, giving an excellent
design margin. Standby power with this approach was also
improved compared to Figure 3 solution. Please note that
these resistors also ensure the discharge of the X2−capacitor
up to a 0.47
mF type.
The de−latch of the SCR occurs when a) the injected
current in the Vcc pin falls below the minimum stated in the
data−sheet (32
mA at room temp) or when the part senses a
brown−out recovery.
Frequency Foldback
The reduction of no−load standby power associated with
the need for improving the efficiency, requires a change in
the traditional fixed−frequency type of operation. This
switcher implements a switching frequency foldback when
the feedback voltage passes below a certain level, Vfold, set
around 1.5 V. At this point, the oscillator turns into a
Voltage−Controlled Oscillator and reduces its switching
frequency. The peak current setpoint is following the
feedback pin until its level reaches 1 V. Below this value, the
peak current freezes to Vfreeze/4 (250 mV or ≈31% of the
maximum 0.8 V setpoint) and the only way to further reduce
the transmitted power is to diminish the operating frequency
down to 26 kHz. This value is reached at a voltage feedback
level of 450 mV typically. Below this point, if the output
power continues to decrease, the part enters skip cycle for
the best noise−free performance in no−load conditions.
Figure 5 depicts the adopted scheme for the part.


Similar Part No. - NCP1126_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1126AP100G ONSEMI-NCP1126AP100G Datasheet
189Kb / 18P
   High Voltage Switcher
March, 2015 ??Rev. 3
NCP1126AP65G ONSEMI-NCP1126AP65G Datasheet
189Kb / 18P
   High Voltage Switcher
March, 2015 ??Rev. 3
NCP1126BP100G ONSEMI-NCP1126BP100G Datasheet
189Kb / 18P
   High Voltage Switcher
March, 2015 ??Rev. 3
NCP1126BP65G ONSEMI-NCP1126BP65G Datasheet
189Kb / 18P
   High Voltage Switcher
March, 2015 ??Rev. 3
More results

Similar Description - NCP1126_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com