Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDC02828SAKV Datasheet(PDF) 8 Page - Analog Devices

Part # ADDC02828SAKV
Description  28 V/100 W DC/DC Converter with Integral EMI Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02828SAKV Datasheet(HTML) 8 Page - Analog Devices

Back Button ADDC02828SAKV Datasheet HTML 4Page - Analog Devices ADDC02828SAKV Datasheet HTML 5Page - Analog Devices ADDC02828SAKV Datasheet HTML 6Page - Analog Devices ADDC02828SAKV Datasheet HTML 7Page - Analog Devices ADDC02828SAKV Datasheet HTML 8Page - Analog Devices ADDC02828SAKV Datasheet HTML 9Page - Analog Devices ADDC02828SAKV Datasheet HTML 10Page - Analog Devices ADDC02828SAKV Datasheet HTML 11Page - Analog Devices ADDC02828SAKV Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADDC02828SA
REV. 0
–8–
OUTPUT VOLTAGE – %
5
4
0
101
105
102
103
104
3
2
1
Figure 17. External Resistor Value for Increasing Output
Voltage
With regard to the range that the output voltage can be adjusted
by the user, there are two concerns. As the output voltage is
raised it may become difficult to maintain regulation at full
power and low input voltage. As the output voltage is lowered,
it may become difficult to maintain regulation at minimum
power and high input line.
Pin 4 (STATUS)
Pin 4 is active high referenced to –SENSE (Pin 1), indicating
that the output voltage is typically within
± 5%. The pin is
pulled both up and down by internal circuitry. Figures 18 and
19 show the typical source and sink capabilities of the status
output. Refer to the paragraphs describing Pin 3 (ADJUST) for
effect on status trip point.
IOH – mA
5
4
0.2
0.4
0.6
0.8
1
1.2
1.4
3
2
0
1
Figure 18. Source Capability of Status Output
IOL – mA
1.0
0.8
0.0
1.0
19.0
4.0
7.0
10.0
13.0
16.0
0.6
0.4
0.2
Figure 19. Sink Capability of Status Output
Pin 5 (VAUX)
Pin 5 is referenced to the input return and provides a semi-
regulated 11 V to 14 V dc voltage supply for miscellaneous
system use. The maximum permissible current draw is 5 mA
and the voltage varies with the output load of the converter as
shown in Figure 20.
CONVERTER OUTPUT CURRENT – Amps
14
01
2
3
4
13
12
10
11
28VIN
Figure 20. VAUX vs. Load
Pin 6 (INHIBIT)
Pin 6 is active low and is referenced to the input return of the
converter. Connecting it to the input return will turn the
converter off. For normal operation, the inhibit pin is inter-
nally pulled up to 12 V. Use of an open collector circuit is
recommended.
When Pin 6 is disconnected from input return, the converter
will restart in the soft-start mode. Pin 6 must be kept low for at
least 2 milliseconds to initiate a full soft start. Shorter off times
will result in a partial soft start. Figure 21 shows the input
characteristics of Pin 6.


Similar Part No. - ADDC02828SAKV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
More results

Similar Description - ADDC02828SAKV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com