Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6244 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6244
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6244 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6244 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON6244
Symbol
Min
Typ
Max
Units
BVDSS
60
V
VDS=60V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.5
2
2.5
V
ID(ON)
200
A
3.8
4.7
TJ=125°C
6.9
8.5
4.8
6.2
m
gFS
150
S
VSD
0.68
1
V
IS
85
A
Ciss
3070
3838
4610
pF
Coss
290
415
540
pF
Crss
4
14.5
25
pF
Rg
0.5
1
1.5
Qg(10V)
40
52
64
nC
Qg(4.5V)
16
21
30
nC
Qgs
13.5
nC
Qgd
3
nC
tD(on)
11
ns
t
3
ns
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
VGS=10V, VDS=30V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=4.5V, ID=20A
Forward Transconductance
Diode Forward Voltage
V
=10V, V =30V, R =1.5
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
µA
VDS=VGS, ID=250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
Reverse Transfer Capacitance
VGS=0V, VDS=30V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
tr
3
ns
tD(off)
34
ns
tf
4
ns
trr
14
21.5
28
ns
Qrr
60
87.5
115
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-On Rise Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
VGS=10V, VDS=30V, RL=1.5Ω,
RGEN=3Ω
Turn-Off Fall Time
IF=20A, dI/dt=500A/µs
Body Diode Reverse Recovery Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: July 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AON6244

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6240 AOSMD-AON6240 Datasheet
327Kb / 6P
   40V N-Channel MOSFET
AON6242 AOSMD-AON6242 Datasheet
292Kb / 6P
   60V N-Channel MOSFET
AON6246 AOSMD-AON6246 Datasheet
292Kb / 6P
   60V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6246 VBSEMI-AON6246 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON6248 AOSMD-AON6248 Datasheet
270Kb / 6P
   60V N-Channel MOSFET
More results

Similar Description - AON6244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com