Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6244 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON6244
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6244 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON6244 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6244 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AON6244
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
20
40
60
80
100
0
25
50
75
100
125
150
T
CASE (°C)
Figure 13: Power De-rating (Note F)
0
20
40
60
80
100
0
25
50
75
100
125
150
T
CASE (°C)
Figure 14: Current De-rating (Note F)
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
T
A=25°C
1
10
100
1000
1
10
100
1000
Time in avalanche, t
A
µµµs)
Figure 12: Single Pulse Avalanche capability
(Note C)
T
A=25°C
T
A=150°C
T
A=100°C
T
A=125°C
40
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Figure 14: Current De-rating (Note F)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
RθJA=55°C/W
Rev 0: July 2011
www.aosmd.com
Page 5 of 6


Similar Part No. - AON6244

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6240 AOSMD-AON6240 Datasheet
327Kb / 6P
   40V N-Channel MOSFET
AON6242 AOSMD-AON6242 Datasheet
292Kb / 6P
   60V N-Channel MOSFET
AON6246 AOSMD-AON6246 Datasheet
292Kb / 6P
   60V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6246 VBSEMI-AON6246 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON6248 AOSMD-AON6248 Datasheet
270Kb / 6P
   60V N-Channel MOSFET
More results

Similar Description - AON6244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com