Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6292 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON6292
Description  100V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6292 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6292 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6292 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6292 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6292 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6292 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6292 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON6292
100V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
85A
RDS(ON) (at VGS=10V)
< 6m
RDS(ON) (at VGS=6V)
< 8.5m
100% UIS Tested
100% Rg Tested
Symbol
The AON6292 uses trench MOSFET technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an
extremely low combination of RDS(ON), Ciss and Coss.
This device is ideal for boost converters and synchronous
rectifiers for consumer, telecom, industrial power supplies
and LED backlighting.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
100V
G
D
S
Top View
1
2
3
4
8
7
6
5
PIN1
DFN5X6
Top View
Bottom View
Symbol
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Ambient
A
°C/W
RθJA
14
40
17
V
±20
Gate-Source Voltage
Drain-Source Voltage
100
Units
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
Parameter
Typ
Max
V
Maximum
Units
Parameter
mJ
Avalanche Current
C
20
Continuous Drain
Current
125
24
A
50
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
ID
85
67
TC=25°C
TC=100°C
220
Pulsed Drain Current
C
Continuous Drain
Current
G
W
Power Dissipation
A
PDSM
W
TA=70°C
156
4.7
TA=25°C
TC=25°C
7.3
62.5
TC=100°C
Power Dissipation
B
PD
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.55
55
0.8
Rev 0: Sep. 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AON6292

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AON6294 AOSMD-AON6294 Datasheet
91Kb / 1P
   DFN 5X6 PACKAGE MARKING DESCRIPTION
AON6294L AOSMD-AON6294L Datasheet
91Kb / 1P
   DFN 5X6 PACKAGE MARKING DESCRIPTION
AON6298 AOSMD-AON6298 Datasheet
96Kb / 1P
   DFN 5X6 PACKAGE MARKING DESCRIPTION
AON6298L AOSMD-AON6298L Datasheet
96Kb / 1P
   DFN 5X6 PACKAGE MARKING DESCRIPTION
More results

Similar Description - AON6292

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com