Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5852 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJE5852
Description  8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5852 Datasheet(HTML) 1 Page - Motorola, Inc

  MJE5852 Datasheet HTML 1Page - Motorola, Inc MJE5852 Datasheet HTML 2Page - Motorola, Inc MJE5852 Datasheet HTML 3Page - Motorola, Inc MJE5852 Datasheet HTML 4Page - Motorola, Inc MJE5852 Datasheet HTML 5Page - Motorola, Inc MJE5852 Datasheet HTML 6Page - Motorola, Inc MJE5852 Datasheet HTML 7Page - Motorola, Inc MJE5852 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
PNP Silicon Power Transistors
The MJE5850, MJE5851 and the MJE5852 transistors are designed for high–volt-
age, high–speed, power switching in inductive circuits where fall time is critical. They
are particularly suited for line operated switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn–Off Times
100 ns Inductive Fall Time @ 25
_C (Typ)
125 ns Inductive Crossover Time @ 25
°C (Typ)
Operating Temperature Range – 65 to + 150
_C
100
_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
MJE5850
MJE5851
MJE5852
Unit
Collector–Emitter Voltage
VCEO(sus)
300
350
400
Vdc
Collector–Emitter Voltage
VCEV
350
400
450
Vdc
Emitter Base Voltage
VEB
6.0
Vdc
Collector Current — Continuous
Peak (1)
IC
ICM
8.0
1 6
Adc
Base Current — Continuous
Peak (1)
IB
IBM
4.0
8.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
80
0.640
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.25
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE5850/D
© Motorola, Inc. 1995
MJE5850
MJE5851
MJE5852
8 AMPERE
PNP SILICON
POWER TRANSISTORS
300, 350, 400 VOLTS
80 WATTS
*Motorola Preferred Device
CASE 221A–06
TO–220AB
*
*


Similar Part No. - MJE5852

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
71Kb / 4P
   HIGH VOLTAGE PNP POWER TRANSISTOR
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
56Kb / 4P
   HIGH VOLTAGE PNP POWER TRANSISTOR
September 2003
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5852 NJSEMI-MJE5852 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
More results

Similar Description - MJE5852

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
Motorola, Inc
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com