Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1288 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1288
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1288 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1288_11 Datasheet HTML 1Page - ON Semiconductor NCP1288_11 Datasheet HTML 2Page - ON Semiconductor NCP1288_11 Datasheet HTML 3Page - ON Semiconductor NCP1288_11 Datasheet HTML 4Page - ON Semiconductor NCP1288_11 Datasheet HTML 5Page - ON Semiconductor NCP1288_11 Datasheet HTML 6Page - ON Semiconductor NCP1288_11 Datasheet HTML 7Page - ON Semiconductor NCP1288_11 Datasheet HTML 8Page - ON Semiconductor NCP1288_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 3
1
Publication Order Number:
NCP1288/D
NCP1288
Fixed Frequency Current
Mode Controller for Flyback
Converters
The NCP1288 is a new generation of the NCP12xx fixed−frequency
current−mode controllers featuring a high−voltage startup current,
pin−to−pincompatible with the previous generation.
Due to its proprietary Soft−Skip
™ mode combined with frequency
foldback, the controller exhibits excellent efficiency in light load
condition while still achieving very low standby power consumption.
This Soft−Skip feature also dramatically reduces the risk of acoustic
noise, which enables the use of inexpensive transformers and
capacitors in the clamping network.
Internal frequency jittering, ramp compensation, and a versatile
latch input make this controller an excellent candidate for converters
where ruggedness and components cost are the key constraints.
In addition, the controller includes a new high voltage circuitry that
combines a startup current source and a brown−out / line OVP detector
able to sense the input voltage either from the rectified ac line or the dc
filtered bulk voltage.
Finally, due to a careful design, the precision of critical parameters
is well controlled over the entire temperature range (−40
°C to
+125
°C), enabling easier design and increased safety (e.g. $5% for
the peak current limit,
$7% for the oscillator).
Features
Timer−Based Overload Protections with Auto−
Recovery (Option B) or Latched (Option A) Operation
High−Voltage Current Source with Built−in Brown−out
and Line Overvoltage Protections
Fixed−Frequency Current−Mode Operation with
Built−in Ramp Compensation
Frequency Jittering for a Reduced EMI Signature
Adjustable Overpower Compensation
Latch−off Input for Severe Fault Conditions, with
Direct Connection of an NTC for Overtemperature
Protection (OTP)
Protection Against Winding Short−Circuit
Frequency Foldback transitioning into Soft−Skip for
Improved Performance in Standby
65 kHz Oscillator (100 kHz and 133 kHz Versions
Available Upon Request)
VCC Operation up to 28 V
Increased Precision on Critical Parameters
±1.0 A Peak Drive Capability
4.0 ms Soft−Start
Internal Thermal Shutdown with Hysteresis
These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant*
Typical Applications
ac−dc Adapters for Notebooks, LCD, and Printers
Offline Battery Chargers
Consumer Electronic Power Supplies
Auxiliary/Housekeeping Power Supplies
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOIC−7
CASE 751U
MARKING
DIAGRAM
http://onsemi.com
88Xff
ALYWX
G
1
8
88Xff = Specific Device Code
X = A or B
ff = 65, 00, or 33
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 38 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1288_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1288BD65R2G ONSEMI-NCP1288BD65R2G Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
More results

Similar Description - NCP1288_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com