Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1294 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1294
Description  Flyback, Boost, Forward PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1294 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1294 Datasheet HTML 5Page - ON Semiconductor NCP1294 Datasheet HTML 6Page - ON Semiconductor NCP1294 Datasheet HTML 7Page - ON Semiconductor NCP1294 Datasheet HTML 8Page - ON Semiconductor NCP1294 Datasheet HTML 9Page - ON Semiconductor NCP1294 Datasheet HTML 10Page - ON Semiconductor NCP1294 Datasheet HTML 11Page - ON Semiconductor NCP1294 Datasheet HTML 12Page - ON Semiconductor NCP1294 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP1294
http://onsemi.com
10
Figure 8. The SYNC Pin Generates a Sync Pulse at
the Beginning of Each Switching Cycle.
CH2: GATE Pin, CH3: RTCT, CH4: SYNC Pin
Figure 9. Operation with External Sync.
CH2: SYNC Pin, CH3: GATE Pin, CH4: RTCT Pin
An external pulse signal can feed to the bidirectional
SYNC pin to synchronize the switch frequency. For reliable
operation, the sync frequency should be approximately 20%
higher than free running IC frequency. As show in Figure 9,
when the SYNC pin is triggered by an incoming signal, the
IC immediately discharges CT. The GATE signal is turned
on once the RTCT pin reaches the valley voltage. Because of
the steep falling edge, this valley voltage falls below the
regular 1.0 V threshold. However, the RTCT pin voltage is
then quickly raised by a clamp. When the RTCT pin reaches
the 0.95 V (typ) Valley Clamp Voltage, the clamp is
disconnected after a brief delay and CT is charged through
RT.
DESIGN GUIDELINES
Switch Frequency and Maximum Duty Cycle
Calculations
Oscillator timing capacitor, CT, is charged by VREF
through RT and discharged by an internal current source.
During the discharge time, the internal clock signal sets the
Gate output to the low state, thus providing a user selectable
maximum duty cycle clamp. Charge and discharge times are
determined by following general formulas;
tC + RTCT ln
(VREF * VVALLEY)
(VREF * VPEAK)
td + RTCT ln
(VREF * VPEAK * IdRT)
(VREF * VVALLEY * IdRT)
where:
tC = charging time;
td = discharging time;
VVALLEY = valley voltage of the oscillator;
VPEAK = peak voltage of the oscillator.
Substituting in typical values for the parameters in the
above formulas, VREF = 3.3 V, VVALLEY = 1.0 V, VPEAK =
2.0 V, Id = 1.0 mA:
tC + 0.57RTCT
td + RTCT ln
1.3 * 0.001RT
2.3 * 0.001RT
D max +
0.57
0.57 ) In 1.3*0.001RT
2.3*0.001RT
It is noticed from the equation that for the oscillator to
function properly, RT has to be greater than 2.3 k.
Select RC for Feed Forward Ramp
If the line voltage is much greater than the FF pin Peak
Voltage, the charge current can be treated as a constant and
is equal to VIN/R. Therefore, the volt−second value is
determined by:
VIN
TON + (VCOMP * VFF(d))
R
C
where:
VCOMP = COMP pin voltage;
VFF(d) = FF pin discharge voltage.
As shown in the equation, the volt−second clamp is set by
the VCOMP clamp voltage which is equal to 1.8 V. In
Forward or Flyback circuits, the volt−second clamp value is
designed to prevent transformers from saturation.
In a buck or forward converter, volt−second is equal to
VIN
TON +
VOUT
TS
n
n = transformer turns ratio, which is a constant determined
by the regulated output voltage, switching period and
transformer turns ration (use 1.0 for buck converter). It is
interesting to notice from the aforementioned two equations


Similar Part No. - NCP1294

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294ED16 ONSEMI-NCP1294ED16 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
NCP1294ED16G ONSEMI-NCP1294ED16G Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
NCP1294EDBR2G ONSEMI-NCP1294EDBR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
More results

Similar Description - NCP1294

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
logo
Linear Technology
LTC3783 LINER-LTC3783 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
ON Semiconductor
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Fairchild Semiconductor
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com