Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1532 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1532
Description  Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1532 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1532_11 Datasheet HTML 2Page - ON Semiconductor NCP1532_11 Datasheet HTML 3Page - ON Semiconductor NCP1532_11 Datasheet HTML 4Page - ON Semiconductor NCP1532_11 Datasheet HTML 5Page - ON Semiconductor NCP1532_11 Datasheet HTML 6Page - ON Semiconductor NCP1532_11 Datasheet HTML 7Page - ON Semiconductor NCP1532_11 Datasheet HTML 8Page - ON Semiconductor NCP1532_11 Datasheet HTML 9Page - ON Semiconductor NCP1532_11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP1532
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
(Typical values are referenced to TA = +25°C, Minimum and Maximum values are referenced −40°C to +85°C ambient temperature,
unless otherwise noted, operating conditions VIN = 3.6 V, VOUT1 = VOUT2 = 1.2 V, unless otherwise noted).
Rating
Unit
Max
Typ
Min
Symbol
Conditions
POWER SWITCHES
High−Side MOSFET On−Resistance
RONHS
400
mW
Low−Side MOSFET On−Resistance
RONLS
300
mW
High−Side MOSFET Leakage Current
ILEAKHS
0.05
mA
Low−Side MOSFET Leakage Current
ILEAKLS
0.01
mA
PROTECTION
DC−DC Short Circuit Protection
Peak Inductor Current
IPK
1.2
1.6
A
Thermal Shutdown Threshold
TSD
180
°C
Thermal Shutdown Hysteresis
TSDH
40
°C
9. Refer to Power On Reset section for more information.
10.The overall output voltage tolerance depends upon the accuracy of the external resistor (R1 and R2).
11. Guaranteed by design.


Similar Part No. - NCP1532_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1532MUAATXG ONSEMI-NCP1532MUAATXG Datasheet
364Kb / 16P
   Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
June, 2010 ??Rev. 5
More results

Similar Description - NCP1532_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1532 ONSEMI-NCP1532 Datasheet
364Kb / 16P
   Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
June, 2010 ??Rev. 5
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
logo
Linear Technology
LTC1474 LINER-LTC1474_15 Datasheet
247Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1475 LINER-LTC1475_15 Datasheet
247Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1474 LINER-LTC1474 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
logo
Texas Instruments
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
Texas Instruments
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com