Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1650 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1650
Description  Power Factor Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1650 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1650 Datasheet HTML 1Page - ON Semiconductor NCP1650 Datasheet HTML 2Page - ON Semiconductor NCP1650 Datasheet HTML 3Page - ON Semiconductor NCP1650 Datasheet HTML 4Page - ON Semiconductor NCP1650 Datasheet HTML 5Page - ON Semiconductor NCP1650 Datasheet HTML 6Page - ON Semiconductor NCP1650 Datasheet HTML 7Page - ON Semiconductor NCP1650 Datasheet HTML 8Page - ON Semiconductor NCP1650 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
NCP1650
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (Unless otherwise noted: VCC =14 volts, CT = 470 pF, C2 =0.1 mF, TJ =25Cfor
typical values. For min/max values TJ is the applicable junction temperature.)
Characteristic
Symbol
Min
Typ
Max
Unit
MAXIMUM POWER MULTIPLIER
Multiplier Gain
(TJ =25C)
(TJ =--40C to +125C)
R9 =47 k, R10 =15 k
K =
Vpin9
(--Vpin12) × Vpin5 ≈
4.0 × R9
R10
k
12.1
11.8
12.8
12.8
13.3
13.3
1.0/V
Dynamic Input Voltage Range
Ac Input (p--input) (Note 4)
Vmax
--
3.75
--
V
AC INPUT (Pin 5)
Input Bias Current
(Total bias current for both multipliers and current compensation amplifier)
IINbias
--
0.01
--
mA
DRIVE OUTPUT
Source Resistance (80 mA Load)
Rsource
4.0
8.0
15
Ω
Sink Resistance (--80 mA Load)
Rsink
3.0
8.0
15
Ω
Rise Time (CL = 1.0 nF, 20% to 80%)
tr
--
50
--
ns
Fall Time (CL = 1.0 nF, 20% to 80%)
tf
--
50
--
ns
Output Voltage in UVLO Condition
VO(UV)
--
1.0
10
mV
VOLTAGE REFERENCE
4.0 Volt Reference (Pin 6) (TJ =25C)
Vref
3.94
4.00
4.06
V
4.0 Volt Regulation (TJ =--55C to 125C)
Vref
3.92
4.00
4.08
V
2.5 Volt Reference (Pmax,Pin 9)
Vref2.5
2.40
2.50
2.60
V
Buffered Output (Iload =0 mA)
VrefOUT
6.24
6.50
6.76
V
Load Regulation (Buffered Output, Io = 0 to 10 mA, VCC > 10 V)
DVrefOUT
0
4.0
40
mV
UNDERVOLTAGE LOCKOUT/SHUTDOWN
UVLO Startup Threshold (VCC Increasing)
VSU
10
10.5
11
V
UVLO Hysteresis (Shutdown Voltage = VSU –VH)
VH
0.3
0.5
0.7
V
Shutdown Startup Threshold (Pin 6) (Vout Increasing)
VSD
0.50
0.85
1.00
V
Shutdown Hysteresis (Pin 6)
VH
0.10
0.18
0.3
V
OVERVOLTAGE PROTECTION
Overvoltage Voltage Trip Point (Vpin6/Vref)
VOV
106.5
108
109.5
V/V
Overvoltage Voltage Differential (VOV -- Vboost+)
VOVdiff
--
50
--
mV
TOTAL DEVICE
Operational Bias Current (CL(Driver) = 1.0 nF, 100 kHz)
IBIAS
--
4.0
5.0
mA
Bias Current in Undervoltage Mode
IBshutdown
--
0.6
1.0
mA
4. Verified by design.


Similar Part No. - NCP1650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
NCP1650 ONSEMI-NCP1650 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1650 ONSEMI-NCP1650 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1650DR2 ONSEMI-NCP1650DR2 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
NCP1650DR2G ONSEMI-NCP1650DR2G Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
More results

Similar Description - NCP1650

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com