Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1910 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1910
Description  High Performance Combo Controller for ATX Power Supplies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1910 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1910 Datasheet HTML 4Page - ON Semiconductor NCP1910 Datasheet HTML 5Page - ON Semiconductor NCP1910 Datasheet HTML 6Page - ON Semiconductor NCP1910 Datasheet HTML 7Page - ON Semiconductor NCP1910 Datasheet HTML 8Page - ON Semiconductor NCP1910 Datasheet HTML 9Page - ON Semiconductor NCP1910 Datasheet HTML 10Page - ON Semiconductor NCP1910 Datasheet HTML 11Page - ON Semiconductor NCP1910 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
NCP1910
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C,
VCC = 12 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
COMMON TO BOTH CONTROLLERS
SUPPLY SECTION
ICC4
IC consumption, both PFC and LLC loaded in no load conditions
(PFC is 65 kHz and Rt = 70 kW (LLC is 25 kHz))
19
5.9
7.2
mA
ICC5
IC consumption, both PFC and LLC loaded 1 nF load conditions
(PFC is 65 kHz and Rt = 70 kW (LLC is 25 kHz))
19
6.9
8.6
mA
ICC6
IC consumption in fault mode from Vboot (drivers disabled, Vboot >
Vboot(min))
19
64
300
mA
ICC7
IC consumption in OFF mode from VCC (on/off pin is open)
19
950
mA
REFERENCE VOLTAGE
Vref−out
Reference voltage for external threshold setting @ Iout = 5 mA
6
4.75
5
5.25
V
Vref−out
Reference voltage for external threshold setting @ Iout = 5 mA – TJ =
25°C
6
4.9
5
5.1
V
VrefLineReg
Vcc rejection capability, Iout = 5 mA − DVCC = 1 V – TJ = 25°C
6
0.01
5
mV
VrefLoadReg
Reference variation with load changes, 1 mA < Iref < 5 mA – TJ =
25°C
6
1.6
7
mV
Iref−out
Maximum output current capability
6
5
mA
NOTE: Maximum capacitance directly connected to VREF pin must be under 100 nF.
DELAY
tDEL1
Turn−on LLC delay after PFC OK signal is asserted
10
20
30
ms
tDEL2
Turn−off LLC after power good pin goes low (Note 3)
2
5
8
ms
PROTECTIONS
RPull−up
on/off pin pull−up resistor
4
5
kW
ton/off
Propagation delay from on to off (ML & MU are off) (Note 4)
4
1
ms
Von
Low level input voltage on on/off pin (NCP1910 is enabled)
4
1
V
Voff
High level input voltage on on/off pin (NCP1910 is disabled)
4
3
V
Vop
Open voltage on on/off pin
4
7
V
IPG
Maximum Power good pin sink current capability
3
5
mA
VPG
Power good saturation voltage for IPG = 5 mA
3
350
mV
IPGadj
Input bias current, PGadj pin
7
10
nA
VPGadjH
PG comparator hysteresis
7
100
mV
TSD
Temperature shutdown (Note 4)
140
°C
TSDhyste
Temperature Hysteresis Shutdown
30
°C
POWER FACTOR CORRECTION
GATE DRIVE SECTION
RPOH
Source Resistance @ IDRV = −100 mA
18
9
20
W
RPOL
Sink Resistance @ IDRV = 100 mA
18
6.6
18
W
tPr
Gate Drive Voltage Rise Time from 1.5 V to 10.5 V (CL = 1 nF)
18
60
ns
tPf
Gate Drive Voltage Fall Time from 10.5 V to 1.5 V (CL = 1 nF)
18
40
ns
3. In normal operation, when the power supply is un−plugged, the bulk voltage goes down. At a first crossed level, the PG pin opens. Later,
when the bulk crosses a second level, the LLC turns off. There is no timing link between these events, except the bulk capacitor discharge
slope. However, if for an unknown reason the PFC is disabled (fault, short−circuit), the PG pin immediately opens and if sufficient voltage
is still present on the bulk (e.g. in high line condition), the LLC will be disabled after a typical time of 5 ms.
4. Guaranteed by design.


Similar Part No. - NCP1910

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
NCP1910A100DWR2G ONSEMI-NCP1910A100DWR2G Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
More results

Similar Description - NCP1910

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
logo
Vishay Siliconix
SI9140 VISHAY-SI9140 Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140 VISHAY-SI9140_04 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
logo
List of Unclassifed Man...
RM1000X ETC1-RM1000X Datasheet
5Mb / 82P
   HIGH PERFORMANCE ATX POWER SUPPLY
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com